Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC6106 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce 2SC6106
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6106 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  2SC6106 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6106
No. A0878-3/4
Collector Current, IC -- A
Reverse Bias A S O
SW Time -- IC
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
PC -- Tc
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
VCE(sat) -- IC
No
heat
sink
0
1.2
1.0
0.8
0.6
0.2
0.4
20
060
40
80
100
140
120
160
IT12749
0
35
30
25
20
15
5
10
20
060
40
80
100
140
120
160
IT12750
0.01
5
0.1
2
7
2
3
3
5
7
3
5
1.0
7
2
23
5
7
23
5
7
2
0.1
35
7 1.0
0.01
0.1
23
5
7
2
1.0
35
7
2
2
10
3
5
7
3
2
100
5
7
2
--40°C
25°C
Ta=120°C
IT12743
IT12744
VCE=5V
--40
°C
IC / IB=5
Ta= --40
°C
120°C
35
7
25°
C
25°C
IT12747
IT12748
IT12745
IT12746
1.0
10
0.1
0.01
3
5
7
2
3
5
7
2
3
5
7
2
2
1.0
10
0.1
7
5
3
2
7
5
3
2
2
1000
100
10
1.0
2
25
3
37
2
5
37
57
10
1.0
25
37
100
25
37
1000
22
5
37
100
µs
ICP=8A
P
C =30W
IC=4A
Tc=25
°C
IB2= --0.6A
L=500mH
1.0
10
0.1
1.0
5
7
7
7
5
2
3
5
2
3
3
10
0.1
7
23
5
7
23
5
tstg
tf
1.0
0.1
10
3
2
0.01
3
25
7
3
25
7
57
1.0
3
2
2
5
7
3
IC / IB=5
VCC=200V
IC/IB2= 5
IB2/IB1= 2.5
Ta= --40°C
25°C
120°
C
<50
µs
Tc=25
°C
Single pulse
VBE(sat) -- IC
Collector Current, IC -- A


Numéro de pièce similaire - 2SC6106

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
logo
Sanyo Semicon Device
2SC6101 SANYO-2SC6101 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SC6102 SANYO-2SC6102 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
2SC6102 ONSEMI-2SC6102 Datasheet
107Kb / 5P
   DC / DC Converter Applications
Jan-2011, Rev. 0
More results

Description similaire - 2SC6106

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC6065 SANYO-2SC6065 Datasheet
42Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
CPH3249A SANYO-CPH3249A Datasheet
54Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
SPA13003 SANYO-SPA13003 Datasheet
283Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5957M SANYO-2SC5957M Datasheet
37Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083A SANYO-2SC6083A Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC4460M-SV SANYO-2SC4460M-SV Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6084 SANYO-2SC6084 Datasheet
51Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
2SC6083 SANYO-2SC6083 Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com