Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC6106 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce 2SC6106
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6106 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  2SC6106 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6106 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6106
No. A0878-1/4
Features
High breakdown voltage and high reliability.
Ultrahigh-speed switching.
Wide ASO.
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1000
V
Collector-to-Emitter Voltage
VCEO
500
V
Emitter-to-Base Voltage
VEBO
7V
Collector Current
IC
4A
Collector Current (Pulse)
ICP
PW≤300µs, duty cycle≤10%
8
A
Collector Dissipation
PC
1W
Tc=25°C30
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=500V, IE=0A
10
µA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0A
10
µA
DC Current Gain
hFE1VCE=5V, IC=0.3A
40
80
hFE2VCE=5V, IC=2.0A
8
Gain-Bandwidth Product
fT
VCE=10V, IC=0.3A
18
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
40
pF
Continued on next page.
Ordering number : ENA0878
70407KB TI IM TC-00000387
SANYO Semiconductors
DATA SHEET
2SC6106
NPN Triple Diffused Planar Silicon Transistor
Switching Regulator Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Numéro de pièce similaire - 2SC6106

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
logo
Sanyo Semicon Device
2SC6101 SANYO-2SC6101 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SC6102 SANYO-2SC6102 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
2SC6102 ONSEMI-2SC6102 Datasheet
107Kb / 5P
   DC / DC Converter Applications
Jan-2011, Rev. 0
More results

Description similaire - 2SC6106

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC6065 SANYO-2SC6065 Datasheet
42Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
CPH3249A SANYO-CPH3249A Datasheet
54Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
SPA13003 SANYO-SPA13003 Datasheet
283Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5957M SANYO-2SC5957M Datasheet
37Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083A SANYO-2SC6083A Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC4460M-SV SANYO-2SC4460M-SV Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6084 SANYO-2SC6084 Datasheet
51Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
2SC6083 SANYO-2SC6083 Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com