Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UZZ9001 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce UZZ9001
Description  Sensor Conditioning Electronic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UZZ9001 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button UZZ9001 Datasheet HTML 5Page - NXP Semiconductors UZZ9001 Datasheet HTML 6Page - NXP Semiconductors UZZ9001 Datasheet HTML 7Page - NXP Semiconductors UZZ9001 Datasheet HTML 8Page - NXP Semiconductors UZZ9001 Datasheet HTML 9Page - NXP Semiconductors UZZ9001 Datasheet HTML 10Page - NXP Semiconductors UZZ9001 Datasheet HTML 11Page - NXP Semiconductors UZZ9001 Datasheet HTML 12Page - NXP Semiconductors UZZ9001 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Nov 27
9
Philips Semiconductors
Product specification
Sensor Conditioning Electronic
UZZ9001
Table 4
Programming of trim modes
MODE
STATUS BITS
12
3
4
5
enter trim mode for sensor input channel 1
0
0
0
1
0
enter trim mode for sensor input channel 2
0
0
1
0
0
leave trim mode for either input channel
0
0
0
0
0
How to enter the trim mode
Details of voltage levels and timing of the status bits to be
transmitted to the UZZ9001 are given in Table 3. Note that
a complete protocol has to be sent before normal
operation can be resumed. The trim mode can also be
exited by resetting the device. After entering one of the trim
modes and provided there is a dynamic input signal there
will be a square wave output at the terminal TOUT (pin 22).
Reset
In addition to the external reset pin (pin 6), the UZZ9001
provides an internal power-up/ power-down reset logic
which continuously monitors the supply voltage. When the
supply voltage increases and reaches a safe level, reset
becomes inactive and the device starts initialization. When
the supply voltage exceeds the safe voltage level, the
device is reset immediately. This internal reset logic can be
over-ridden in all modes and at any time by applying an
external active high command to the RES input pin (pin 6)
in all modes and at any time. The reset pin RES (pin 6).
This pin is internally pulled to ground and therefore need
not be connected if the function is not required.
Measurement dynamics
The UZZ9001 includes an on-chip RC Oscillator that
generates the clock for the whole device. Consequently,
no external clock supply is required for the measurement
system. The nominal clock frequency of the on-chip
oscillator is 4 MHz at room temperature. It varies with
temperature change. At
−40 °C the clock frequency may
decrease to 2.3 MHz. At higher temperatures however,
a frequency up to 5.7 MHz may occur. This influences the
dynamics of measurements. From an application point of
view, two different effects have to be distinguished. The
system delay, which means how long it takes until a
changed input signal is recognized at the output, and the
measurement update rate. The system delay is mainly
caused by the settling time of the low pass decimation
filter, which depends on the maximum frequency content
(shape) of the input signals and the clock frequency. The
following maximum values can be expected for the entire
system delay. The measurement update rate, however, is
directly related to the oscillator frequency. At room
temperature, a new value is available every 0.26 ms.
When taking the entire temperature range into account,
update rates between 0.45 and 0.18 ms are possible.
(see Table 5)


Numéro de pièce similaire - UZZ9001

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
More results

Description similaire - UZZ9001

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
   Air sensor for air conditioning
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
EPCOS
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
   Evaporator sensor for air conditioning systems
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com