Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM258DMR2 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce LM258DMR2
Description  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258DMR2 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button LM258DMR2 Datasheet HTML 6Page - ON Semiconductor LM258DMR2 Datasheet HTML 7Page - ON Semiconductor LM258DMR2 Datasheet HTML 8Page - ON Semiconductor LM258DMR2 Datasheet HTML 9Page - ON Semiconductor LM258DMR2 Datasheet HTML 10Page - ON Semiconductor LM258DMR2 Datasheet HTML 11Page - ON Semiconductor LM258DMR2 Datasheet HTML 12Page - ON Semiconductor LM258DMR2 Datasheet HTML 13Page - ON Semiconductor LM258DMR2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM358D
SOIC−8
98 Units/Rail
LM358DR2
SOIC−8
2500 Tape & Reel
LM358DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM358DMR2
0
°C to +70°C
Micro8
4000 Tape & Reel
LM358DMR2G
0
°Cto +70°C
Micro8
(Pb−Free)
4000 Tape & Reel
LM358N
PDIP−8
50 Units/Rail
LM358NG
PDIP−8
(Pb−Free)
50 Units/Rail
LM258D
SOIC−8
98 Units/Rail
LM258DR2
SOIC−8
2500 Tape & Reel
LM258DR2G
−25
°C to +85°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM258DMR2
Micro8
4000 Tape & Reel
LM258N
PDIP−8
50 Units/Rail
LM2904D
SOIC−8
98 Units/Rail
LM2904DR2
SOIC−8
2500 Tape & Reel
LM2904DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
LM2904DMR2
40
°C to +105°C
Micro8
2500 Tape & Reel
LM2904DMR2G
−40
°C to +105°C
Micro8
(Pb−Free)
2500 Tape & Reel
LM2904N
PDIP−8
50 Units/Rail
LM2904ADMR2
Micro8
4000 Tape & Reel
LM2904AN
PDIP−8
50 Units/Rail
LM2904VD
SOIC−8
98 Units/Rail
LM2904VDG
SOIC−8
(Pb−Free)
98 Units/Rail
LM2904VDR2
SOIC−8
2500 Tape & Reel
LM2904VDMR2
−40
°C to +125°C
Micro8
4000 Tape & Reel
LM2904VN
PDIP−8
50 Units/Rail
NCV2904DR2*
SOIC−8
2500 Tape & Reel
NCV2904DMR2*
Micro8
4000 Tape & Reel
*NCV2904 is qualified for automotive use.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - LM258DMR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM258DMR2 ONSEMI-LM258DMR2 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
LM258DMR2G ONSEMI-LM258DMR2G Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258DMR2G ONSEMI-LM258DMR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM258DMR2G ONSEMI-LM258DMR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Description similaire - LM258DMR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com