Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UZZ7000T Datasheet(Fiches technique) 3 Page - NXP Semiconductors

Numéro de pièce UZZ7000T
Description  Trigger amplifier with two wire current interface
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UZZ7000T Datasheet(HTML) 3 Page - NXP Semiconductors

  UZZ7000T Datenblatt HTML 1Page - NXP Semiconductors UZZ7000T Datenblatt HTML 2Page - NXP Semiconductors UZZ7000T Datasheet HTML 3Page - NXP Semiconductors UZZ7000T Datenblatt HTML 4Page - NXP Semiconductors UZZ7000T Datenblatt HTML 5Page - NXP Semiconductors UZZ7000T Datenblatt HTML 6Page - NXP Semiconductors UZZ7000T Datenblatt HTML 7Page - NXP Semiconductors UZZ7000T Datenblatt HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Sep 05
3
Philips Semiconductors
Preliminary specification
Trigger amplifier with two wire current interface
UZZ7000T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Maximum power consumption according to power derating curve, see Fig.2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VVAC
DC supply voltage
not protected against incorrect polarity
Tamb = −40 to +60 °C
−0.5
+19
V
Tamb = −40 to +150 °C
15
V
VSA
maximum input voltage range
t
≤ 5 s; Tamb =26 ± 10 °C
−0.5
7
V
VSB
maximum input voltage range
t
≤ 5 s; Tamb =26 ± 10 °C
−0.5
7
V
Ptot
total power dissipation
note 1
320
mW
Tamb
ambient operating temperature
VCC = 12 V; note 1
−40
+150
°C
Tstg
storage temperature
−40
+150
°C
handbook, halfpage
0
50
100
200
400
300
100
0
200
MGT542
150
Tamb (°C)
Ptot
(mW)
Fig.2 Power derating curve.
handbook, halfpage
−40
10
6
8
4
2
0
160
MGT543
40
80
120
Tamb (°C)
Vhys
(mV)
Fig.3 Hysteresis voltage as a function of temperature.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn