Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UZZ7000T Datasheet(Fiches technique) 5 Page - NXP Semiconductors

Numéro de pièce UZZ7000T
Description  Trigger amplifier with two wire current interface
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

UZZ7000T Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2000 Sep 05
5
Philips Semiconductors
Preliminary specification
Trigger amplifier with two wire current interface
UZZ7000T
FUNCTIONAL DESCRIPTION
The UZZ7000 is a differential input trigger amplifier with a
two wire interface and sensor supply regulator. It is
designed for application with magnetoresistive sensor
bridges. The block diagram is shown in Fig.4
The circuitry includes a voltage regulator for supply to an
external sensor bridge.
An on-chip temperature sensor adapts the comparator
hysteresis to the temperature dependent sensitivity of a
typical magnetoresistive sensor from the Philips
MR-Sensor KMZ families.
The UZZ7000T device and the connected sensor bridge
are supplied from a two wire current interface. The digital
output is directly related to the differential voltage input
between pins SA and SB which switches the constant
current source between 7 and 14 mA.
handbook, full pagewidth
MLD403
VP
SA
VAC
7 mA
7 mA
GND
SB
UZZ7000
Fig.4 Block diagram.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn