Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPH3146 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce CPH3146
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3146 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  CPH3146 Datasheet HTML 1Page - Sanyo Semicon Device CPH3146 Datasheet HTML 2Page - Sanyo Semicon Device CPH3146 Datasheet HTML 3Page - Sanyo Semicon Device CPH3146 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3146
No. A0538-1/4
Applications
DC / DC converter, Relay drivers, lamp drivers, motor drivers.
Features
Adoption of FBET, MBIT processes.
High current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm).
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--60
V
Collector-to-Emitter Voltage
VCES
--60
V
Collector-to-Emitter Voltage
VCEO
--60
V
Emitter-to-Base Voltage
VEBO
--7
V
Collector Current
IC
--3
A
Collector Current (Pulse)
ICP
--5
A
Base Current
IB
--600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--50V, IE=0A
--1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--1
µA
DC Current Gain
hFE
VCE=--2V, IC=--100mA
200
400
Gain-Bandwidth Product
fT
VCE=--10V, IC=--500mA
400
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
25
pF
Marking : BM
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0538
N0806EA SY IM TC-00000303
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
CPH3146
PNP Epitaxial Planar Silicon Transistor
High-Current Switching Applications


Numéro de pièce similaire - CPH3146

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
CPH3140-TL-E ONSEMI-CPH3140-TL-E Datasheet
652Kb / 7P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
CPH3143 SANYO-CPH3143 Datasheet
66Kb / 4P
   CPH3143 / CPH3243
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
64Kb / 4P
   DC / DC Converter Applications
More results

Description similaire - CPH3146

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2153 SANYO-2SA2153 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com