Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HEDS9000 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HEDS9000
Description  Two Channel High Resolution Optical Incremental Encoder Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS9000 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HEDS9000_1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS9000_1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Derating Curves over Extended Operating Frequencies (HEDS-9000/9100/9200
Extended Series)
Below are the derating curves for state, duty, phase and V
OH over extended operating frequencies of up to
240 kHz (recommended maximum frequency is 100 kHz). The curves were derived using standard TTL load.
–40
°C operation is not feasible above 160 kHz because V
OH will drop below 2.4 V (the minmum TTL for logic
state high) beyond that frequency.
120
220
FREQUENCY (kHz)
-40
0
240
-30
-20
160
-10
140
200
180
100°C
25°C
-40°C
-50
120
220
FREQUENCY (kHz)
10
50
240
20
30
160
40
140
200
180
100°C
25°C
-40°C
0
120
220
FREQUENCY (kHz)
-10
0
240
-5
160
140
200
180
100°C
25°C
-40°C
120
220
FREQUENCY (kHz)
3
5
240
4
160
140
200
180
100°C
25°C
-40°C
2
1
0


Numéro de pièce similaire - HEDS9000_1

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results

Description similaire - HEDS9000_1

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com