Moteur de recherche de fiches techniques de composants électroniques |
|
CS5451A-IS Fiches technique(PDF) 5 Page - Cirrus Logic |
|
CS5451A-IS Fiches technique(HTML) 5 Page - Cirrus Logic |
5 / 13 page CS5451A DS635F2 5 ANALOG CHARACTERISTICS (continued) Notes: 1. Specifications for Gain = 20 apply only to Current Channels. Voltage Channels are fixed to Gain = 1 2. All outputs unloaded. All inputs CMOS level. 3. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 3 V, AGND = DGND = 0 V, VA- = -2 V (using charge- pump circuit with CPD). In addition, a 106.07 mV rms (60 Hz) sinewave is imposed onto the VA+ and VD+ pins. The “+” and “-” input pins of both input channels are shorted to VA-. 2048 instantaneous digital output data words are collected for the channel under test. The rms value of the digital sinusoidal output signal is calculated, and this rms value is converted into the rms value of the sinusoidal voltage (measured in mV) that would need to be applied at the channel’s inputs, in order to cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB): DIGITAL CHARACTERISTICS (See Note 4) • Min/Max characteristics and specifications are guaranteed over all Operating Conditions. • Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C. • VA+ = VD+ = 3V ±10%; VA- = -2 V ±10%; AGND = DGND = 0 V. All voltages with respect to 0 V. • XIN = 4.096 MHz Notes: 4. All measurements performed under static conditions. 5. For OWRS and GAIN pins, input leakage current is 30 µA (Max). Parameter Symbol Min Typ Max Unit Power Supplies Power Supply Currents IA+ Typical VA+=VD+=+3V; VA-=-2V ID+ with CPD ID+ without CPD PSCA PSCD PSCD - - - 4.0 5.0 1.0 5.3 6.3 1.5 mA mA mA Power Consumption With CPD (Note 2) Without CPD PC PC - - 27 23 35 31 mW mW Power Supply Rejection (DC) 50, 60 Hz (Note 3) Voltage Channel 50, 60 Hz (Note 3) Current Channel PSRR PSRR PSRR 50 50 60 - 65 90 - - - dB dB dB Parameter Symbol Min Typ Max Unit Master Clock Characteristics Master Clock Frequency XIN 3 4.096 5 MHz Master Clock Duty Cycle 40 - 60 % Filter Characteristics High Rate Filter Output Word Rate OWRS = 0 OWRS = 1 OWR OWR - - XIN/2048 XIN/1024 - - Hz Hz Input/Output Characteristics High-Level Input Voltage VIH 0.6 VD+ - VD+ V Low-Level Input Voltage VIL 0.0 - 0.8 V High-Level Output Voltage Iout = -5.0 mA VOH (VD+) - 1.0 - - V Low-Level Output Voltage Iout = 5.0 mA VOL -- 0.4 V Input Leakage Current (Note 5) Iin -±1 ±10 µA 3-State Leakage Current IOZ -- ±10 µA Digital Output Pin Capacitance Cout -9 - pF PSRR 20 106.07 V eq ------------------ ⎩⎭ ⎨⎬ ⎧⎫ log ⋅ = |
Numéro de pièce similaire - CS5451A-IS |
|
Description similaire - CS5451A-IS |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |