Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5321 Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS5321_06 Datasheet HTML 6Page - Cirrus Logic CS5321_06 Datasheet HTML 7Page - Cirrus Logic CS5321_06 Datasheet HTML 8Page - Cirrus Logic CS5321_06 Datasheet HTML 9Page - Cirrus Logic CS5321_06 Datasheet HTML 10Page - Cirrus Logic CS5321_06 Datasheet HTML 11Page - Cirrus Logic CS5321_06 Datasheet HTML 12Page - Cirrus Logic CS5321_06 Datasheet HTML 13Page - Cirrus Logic CS5321_06 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS5321/22
10
DS454F3
CS5322 POWER SUPPLY (T
A = (See Note 1); VD+ = 5 V; CLKIN = 1.024 MHz)
CS5322 SWITCHING CHARACTERISTICS (T
A = (See Note 1); VD+ = 5 V ± 5%; DGND = 0 V;
Inputs: Logic 0 = 0 V Logic 1 = VD+; CL = 50 pF (Note 23)
23. Guaranteed by design, characterization and/or test.
Parameter
CS5322-BL
Min
Typ
Max
Unit
Power Supply Current:
ID+
(Note 11)
-
2.2
4
mA
Power Dissipation:
(Note 11)
PWDN Low
PWDN High
-
-
11
0.6
20
2.5
mW
mW
Parameter
Symbol
Min
Typ
Max
Units
CLKIN Frequency
fc
0.512
1.024
1.2
MHz
CLKIN Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
Any Digital Output
trise
-
-
-
50
100
100
ns
ns
Fall Times:
Any Digital Input
Any Digital Output
tfall
-
-
-
50
100
100
ns
ns
Serial Port Read Timing
DRDY to Data Valid
tddv
-
-
25
ns
RSEL Setup Time before Data Valid
trss
50
-
-
ns
Read Setup before CS Active
trsc
20
-
-
ns
Read Active to Data Valid
trdv
-
-
50
ns
SCLK rising to New SOD bit
trdd
-
-
50
ns
SCLK Pulse Width High
trph
30
-
-
ns
SCLK Pulse Width Low
trpl
30
-
-
ns
SCLK Period
trsp
100
-
-
ns
SCLK falling to DRDY falling
trst
-
-
50
ns
CS High to Output Hi-Z
trch
-
-
20
ns
Read Hold Time after CS Inactive
trhc
20
-
-
ns
Read Select Setup to SCLK falling
trds
20
-
-
ns
Serial Port Write Timing
Write Setup Before CS Active
twsc
20
-
-
ns
SCLK Pulse Width Low
twpl
30
-
-
ns
SCLK Pulse Width High
twph
30
-
-
ns
SCLK Period
twsp
100
-
-
ns
Write Setup Time to First SCLK falling
twws
20
-
-
ns
Data Setup Time to First SCLK falling
twds
20
-
-
ns
Write Select Hold Time after SCLK falling
twwh
20
-
-
ns
Write Hold Time after CS Inactive
twhc
20
-
-
ns
Data Hold Time after SCLK falling
twdh
20
-
-
ns


Numéro de pièce similaire - CS5321_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5321-BL CIRRUS-CS5321-BL Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BL CIRRUS-CS5321-BL Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-BL1 CIRRUS-CS5321-BL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BLZ CIRRUS-CS5321-BLZ Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-KL1 CIRRUS-CS5321-KL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
More results

Description similaire - CS5321_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5320 CIRRUS-CS5320 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321 Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com