Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4954 Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CS4954
Description  NTSC/PAL Digital Video Encoder
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CS4954_06 Datasheet HTML 2Page - Cirrus Logic CS4954_06 Datasheet HTML 3Page - Cirrus Logic CS4954_06 Datasheet HTML 4Page - Cirrus Logic CS4954_06 Datasheet HTML 5Page - Cirrus Logic CS4954_06 Datasheet HTML 6Page - Cirrus Logic CS4954_06 Datasheet HTML 7Page - Cirrus Logic CS4954_06 Datasheet HTML 8Page - Cirrus Logic CS4954_06 Datasheet HTML 9Page - Cirrus Logic CS4954_06 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
CS4954 CS4955
6
DS278F6
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
AC & DC PARAMETRIC SPECIFICATIONS (AGND,DGND = 0 V, all voltages with respect to 0 V)
WARNING: Operating beyond these limits can result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
RECOMMENDED Operating Conditions (AGND,DGND = 0 V, all voltages with respect to 0 V.)
Note:
Operation outside the ranges is not recommended.
THERMAL CHARACTERISTICS
Note:
Four-layer PCB recommended for operation in environments where TA > 70° C.
DC CHARACTERISTICS (T
A = 25° C; VAA, VDD = 5 V; GNDA, GNDD = 0 V.)
Parameter
Symbol
Min
Max
Units
Power Supply
VAA/VDD
-0.3
6.0
V
Input Current Per Pin (Except Supply Pins)
-10
10
mA
Output Current Per Pin (Except Supply Pins)
-50
+50
mA
Analog Input Voltage
-0.3
VAA + 0.3
V
Digital Input Voltage
-0.3
VDD + 0.3
V
Ambient Temperature Power Applied
-55
+ 125
°C
Storage Temperature
-65
+ 150
°C
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies: Digital Analog
VAA/VDD
3.15
4.75
3.3
5.0
3.45
5.25
V
Operating Ambient Temperature
TA
-40
+25
+85
°C
Parameters
Symbol
Min
Typ
Max
Units
Allowable Junction Temperature
-
-
150
°C
Junction to Ambient Thermal Impedance
-
-
-
(Four-layer PCB) TQFP
θJA-TM
-45
-
°C/W
(Two-layer PCB) TQFP
θJA-TS
-65
-
Parameter
Symbol
Min
Typ
Max
Units
Digital Inputs
High level Input Voltage
V [7:0], PDAT [7:0], Hsync/Vsync/CLKIN
VIH
2.2
-
VDD+0.3
V
High Level Input Voltage I²C
VIH
0.7 VDD
-
-
V
Low level Input Voltage All Inputs
-
-0.3
-
0.8
V
Input Leakage Current
-
-10
-
+10
μA
Digital Outputs
High Level Output Voltage lo = -4 mA
VOH
2.4
-
VDD
V
Low level Output Voltage lo = 4 mA
VOL
-
-
0.4
V


Numéro de pièce similaire - CS4954_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4954-CQ CIRRUS-CS4954-CQ Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
More results

Description similaire - CS4954_06

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com