Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS49330 Fiches technique(PDF) 3 Page - Cirrus Logic

No de pièce CS49330
Description  Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49330 Fiches technique(HTML) 3 Page - Cirrus Logic

  CS49330 Datasheet HTML 1Page - Cirrus Logic CS49330 Datasheet HTML 2Page - Cirrus Logic CS49330 Datasheet HTML 3Page - Cirrus Logic CS49330 Datasheet HTML 4Page - Cirrus Logic CS49330 Datasheet HTML 5Page - Cirrus Logic CS49330 Datasheet HTML 6Page - Cirrus Logic CS49330 Datasheet HTML 7Page - Cirrus Logic CS49330 Datasheet HTML 8Page - Cirrus Logic CS49330 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS4932X/CS49330
DS339AM3
3
AC3D - Virtual Dolby Digital(Dolby
Digital/Dolby Pro Logic decoder with PCM
input support + Dolby Virtualizer Module).
Offers ability to have virtualized 5.1 channel
output using only 2 speakers. The virtualizer
can be disabled, offering a full 5.1 channel
output if desired.
AC3I - Internal Boot Assist (IBA) program for
loading Dolby Digital/Dolby Pro Logic
decoder (with PCM input support) code from
internal ROM. Included in the cost of the
CS493253-CL or CS493263-CL.
Note: Please refer to AN163 for more detail regarding
the differences between IBA and Full Download
codes.
AC3R - Virtual Dolby Digital using SRS
TruSurround(Dolby Digital and Dolby Pro
Logic decoder with PCM input support + SRS
TruSurround Digital 5.1 Channel Virtualizer
Module). Offers ability to have virtualized 5.1
channel output using only 2 speakers. The
virtualizer can be disabled, offering a full 5.1
channel output if desired.
AC3X - Virtual Dolby Digital using VMAx
Virtual Theater (Dolby Digital/Dolby Pro
Logic decoder with PCM input support +
VMAx Virtualizer Module). Offers ability to
have virtualized 5.1 channel output using only
2 speakers. The virtualizer can be disabled,
offering a full 5.1 channel output if desired.
CAR - Crystal Automotive DSP software is a
multi-channel PCM post processor capable of
accepting up to 8 PCM audio input channels.
Audio is processed in 8 blocks using
configurable audio processing modules. Each
block can be configured with one of the
modules or bypassed. The individual blocks are
highly configurable to allow each to act as a:
Fader, Dynamic Range Compressor (DRC),
Filter, Mixer, or Trim. Fs of PCM input must be
48kHz, 44.1kHz or 32kHz.
CS - SRS CircleSurround-5.1 is a PCM
Enhancement algorithm which accepts a 2
channel input and outputs up to 5.1 discrete
channels. This code also offers +/- 12dB of
Tone Control. Fs of PCM input must be 48kHz,
44.1kHz or 32kHz.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels.
CS2 - SRS CircleSurround II with Focusis
the next generation PCM Enhancement
algorithm from SRS Labs which accepts a 2
channel input and outputs up to 6.1 discrete
channels. This code also offers +/- 12dB of
Tone Control. Fs of PCM input must be 48kHz,
44.1kHz or 32kHz.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels.
DTEQ - DTS Digital Surrounddecoder with
Dolby Pro Logic decoder (for when input is 2
channel DTS). This code features a 5 Channel,
5 Band Graphic Equalizer.
®
®
®
®
®
®


Numéro de pièce similaire - CS49330

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS49330 CIRRUS-CS49330 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS49330 CIRRUS-CS49330 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS493302 CIRRUS-CS493302 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS493302-CL CIRRUS-CS493302-CL Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS493302-CL CIRRUS-CS493302-CL Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
More results

Description similaire - CS49330

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
   PAL DECODER AND RGB MATRIX
fEBRUARY 1989
logo
Tyco Electronics
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TP-SERIES MACOM-TP-SERIES Datasheet
460Kb / 7P
   Pushbutton Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-6 MACOM-2-1437561-6 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com