Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4352-DZZR Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS4352-DZZR
Description  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352-DZZR Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS4352-DZZR Datasheet HTML 6Page - Cirrus Logic CS4352-DZZR Datasheet HTML 7Page - Cirrus Logic CS4352-DZZR Datasheet HTML 8Page - Cirrus Logic CS4352-DZZR Datasheet HTML 9Page - Cirrus Logic CS4352-DZZR Datasheet HTML 10Page - Cirrus Logic CS4352-DZZR Datasheet HTML 11Page - Cirrus Logic CS4352-DZZR Datasheet HTML 12Page - Cirrus Logic CS4352-DZZR Datasheet HTML 13Page - Cirrus Logic CS4352-DZZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
DS684F2
CS4352
3. TYPICAL CONNECTION DIAGRAM
Digital
Audio
Source
VL
MCLK
AOUTA
0.1 µF
10 µF
+3.3 V *
Mode
Configuration
SDIN
DIF1
DIF0
DEM
Optional
Mute
Circuit
RST
BMUTEC
3.3 µF
Left Out
VBIAS+
VQ
LRCK
SCLK
3.3 µF
10 k
560
AOUTB
3.3 µF
VA_H
0.1 µF
10 µF
0.1 µF
+1.5 V to VD
+9 V to +12 V
AMUTEC
0.1 µF
10 µF
+3.3 V
5.1
Ω∗
2.2 nF*
*Optional
*Shown value is
for Fc=130 kHz
*Remove this supply if
optional resistor is present.
The decoupling caps should
remain.
1
2
3
4
20
10
7
8
9
6
15
5
11
12
17
19
18
Optional
Mute
Circuit
Right Out
3.3 µF
10 k
560
2.2 nF*
14
15
13
Figure 2. Typical Connection Diagram
CS4352


Numéro de pièce similaire - CS4352-DZZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Description similaire - CS4352-DZZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com