Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4352-DZZ Fiches technique(PDF) 3 Page - Cirrus Logic

No de pièce CS4352-DZZ
Description  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352-DZZ Fiches technique(HTML) 3 Page - Cirrus Logic

  CS4352-DZZ Datasheet HTML 1Page - Cirrus Logic CS4352-DZZ Datasheet HTML 2Page - Cirrus Logic CS4352-DZZ Datasheet HTML 3Page - Cirrus Logic CS4352-DZZ Datasheet HTML 4Page - Cirrus Logic CS4352-DZZ Datasheet HTML 5Page - Cirrus Logic CS4352-DZZ Datasheet HTML 6Page - Cirrus Logic CS4352-DZZ Datasheet HTML 7Page - Cirrus Logic CS4352-DZZ Datasheet HTML 8Page - Cirrus Logic CS4352-DZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS684F2
3
CS4352
1. PIN DESCRIPTIONS
Pin Name Pin #
Pin Description
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
SCLK
2
Serial Clock (Input) - Serial clock for the serial audio interface.
LRCK
3
Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
MCLK
4
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VD
5
Digital Power (Input) - Positive power supply for the digital section.
GND
6
16
Ground (Input) - Ground reference.
DIF0
DIF1
8
7
Digital Interface Format (Input) - Defines the required relationship between the Left/Right Clock, Serial
Clock, and Serial Audio Data.
DEM
9
De-emphasis (Input) - Selects the standard 15
µs/50 µs digital de-emphasis filter response for 44.1 kHz
sample rates
RST
10
Reset (Input) - Powers down the device and resets all internal registers to their default settings when
enabled.
VA
11
Low Voltage Analog Power (Input) - Positive power supply for the analog section.
VBIAS
12
Positive Voltage Reference (Output) - Positive reference voltage for the internal DAC.
VQ
13
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
VA_H
17
High Voltage Analog Power (Input) - Positive power supply for the analog section.
VL
20
Serial Audio Interface Power (Input) - Positive power for the serial audio interface
BMUTEC
AMUTEC
14
19
Mute Control (Output) - Control signal for optional mute circuit.
AOUTB
AOUTA
15
18
Analog Outputs (Output) - The full-scale analog line output level is specified in the Analog Characteris-
tics table.
SDIN
VL
SCLK
AMUTEC
LRCK
AOUTA
MCLK
VA_H
VD
GND
GND
AOUTB
DIF1
BMUTEC
DIF0
VQ
DEM
VBIAS
RST
VA
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
13
14
15
16


Numéro de pièce similaire - CS4352-DZZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Description similaire - CS4352-DZZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com