Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UDA1341TS Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce UDA1341TS
Description  Economy audio CODEC for MiniDisc MD home stereo and portable applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1341TS Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button UDA1341TS Datasheet HTML 21Page - NXP Semiconductors UDA1341TS Datasheet HTML 22Page - NXP Semiconductors UDA1341TS Datasheet HTML 23Page - NXP Semiconductors UDA1341TS Datasheet HTML 24Page - NXP Semiconductors UDA1341TS Datasheet HTML 25Page - NXP Semiconductors UDA1341TS Datasheet HTML 26Page - NXP Semiconductors UDA1341TS Datasheet HTML 27Page - NXP Semiconductors UDA1341TS Datasheet HTML 28Page - NXP Semiconductors UDA1341TS Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
1998 Dec 18
25
Philips Semiconductors
Preliminary specification
Economy audio CODEC for MiniDisc (MD)
home stereo and portable applications
UDA1341TS
12 AC CHARACTERISTICS (DIGITAL)
VDDD =VDDA = 2.7 to 3.6 V; Tamb = −20 to +85 °C; all voltages measured with respect to ground (pins 1, 11 and 27);
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
System clock timing (see Fig.8)
Tsys
clock cycle time
fsys = 256fs
78
88
131
ns
fsys = 384fs
52
59
87
ns
fsys = 512fs
39
44
66
ns
tCWL
LOW-level pulse width
fsys < 19.2 MHz
0.30Tsys
0.70Tsys
ns
fsys ≥ 19.2 MHz
0.40Tsys
0.60Tsys
ns
tCWH
HIGH-level pulse width
fsys < 19.2 MHz
0.30Tsys
0.70Tsys
ns
fsys ≥ 19.2 MHz
0.40Tsys
0.60Tsys
ns
Serial input/output data timing (see Fig.9)
Tcy
bit clock cycle time
300
−−
ns
tBCK(H)
bit clock HIGH time
100
−−
ns
tBCK(L)
bit clock LOW time
100
−−
ns
tr
rise time
−−
20
ns
tf
fall time
−−
20
ns
ts;DATI
data input set-up time
20
−−
ns
th;DATI
data input hold time
0
−−
ns
td;DATO(BCK)
data output delay time
(from BCK falling edge)
−−
80
ns
td;DATO(WS)
data output delay time
(from WS edge)
MSB-justified format
−−
80
ns
th;DATO
data output hold time
0
−−
ns
ts;WS
word select set-up time
20
−−
ns
th;WS
word select hold time
10
−−
ns
Microcontroller L3-interface timing (see Figs 5 and 6)
Tcy(CLK)(L3)
L3CLOCK
500
−−
ns
tCLK(L3)H
L3CLOCK HIGH time
250
−−
ns
tCLK(L3)L
L3CLOCK LOW time
250
−−
ns
tsu(L3)A
L3MODE set-up time
addressing mode
190
−−
ns
th(L3)A
L3MODE hold time
addressing mode
190
−−
ns
tsu(L3)D
L3MODE set-up time
data transfer mode
190
−−
ns
th(L3)D
L3MODE hold time
data transfer mode
190
−−
ns
tsu(L3)DA
L3DATA set-up time
data transfer and
addressing mode
190
−−
ns
th(L3)DA
L3DATA hold time
data transfer and
addressing mode
30
−−
ns
tstp(L3)
L3MODE halt time
190
−−
ns


Numéro de pièce similaire - UDA1341TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1340M PHILIPS-UDA1340M Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1342 PHILIPS-UDA1342 Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
UDA1343 PHILIPS-UDA1343 Datasheet
148Kb / 36P
   Economy audio CODEC with features
2000 Jan 12
More results

Description similaire - UDA1341TS

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
   STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com