Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4340A Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS4340A_05 Datasheet HTML 4Page - Cirrus Logic CS4340A_05 Datasheet HTML 5Page - Cirrus Logic CS4340A_05 Datasheet HTML 6Page - Cirrus Logic CS4340A_05 Datasheet HTML 7Page - Cirrus Logic CS4340A_05 Datasheet HTML 8Page - Cirrus Logic CS4340A_05 Datasheet HTML 9Page - Cirrus Logic CS4340A_05 Datasheet HTML 10Page - Cirrus Logic CS4340A_05 Datasheet HTML 11Page - Cirrus Logic CS4340A_05 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CS4340A
8
DS590F2
3.5
De-Emphasis
The device includes on-chip digital de-emphasis. Figure 6 shows the de-emphasis curve for Fs equal to
44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes in sam-
ple rate, Fs. Please see Table 6 for the desired de-emphasis control.
LR C K
SCLK
Left C ha nne l
Rig h t C hannel
SDIN
+3 +2 +1
+5 +4
MSB
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LSB
MSB
LSB
Figure 3. CS4340A Format 1 - Left Justified up to 24-Bit Data
LRCK
SCLK
Le ft C h a n ne l
SDIN
6
5
43
21
0
7
23 22 21 20 19 18
654
3
2
10
7
23 22 21 20 19 18
32 c lo cks
0
R ig ht C ha nne l
Figure 4. CS4340A Format 2 - Right Justified, 24-Bit Data
LRCK
SCLK
Le ft C ha nne l
R ig ht C ha nne l
SDIN
6
5
43
21
0
98
7
15 14 13 12 11 10
654
3
2
10
98
7
15 14 13 12 11 10
32 c lo cks
Figure 5. CS4340A Format 3 - Right Justified, 16-Bit Data
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 6. De-Emphasis Curve
Table 6. De-Emphasis Control
DEM
DESCRIPTION
0
Disabled
1
44.1 kHz


Numéro de pièce similaire - CS4340A_05

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4340A-KS CIRRUS-CS4340A-KS Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
More results

Description similaire - CS4340A_05

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com