Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2618ALS Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce 2SK2618ALS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2618ALS Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  2SK2618ALS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2618ALS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2618ALS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2618ALS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2618ALS
No. A0360-3/4
IDP=20A
IDc(*1)=6.5A
DC
operation
PW
≤10µs
10
µs
100
µs
1ms
10ms
100ms
Operation in this
area is limited by RDS(on).
IDpack(*2)=5.6A
IT10848
0.01
1.0
3
7
10
1.0
5
0.1
3
2
7
5
3
2
7
5
5
3
2
2
23
5 7
2
3
5
7
2
3
5
7
10
100
1000
IT04788
0.5
RDS(on) -- VGS
4
2.5
2.0
1.5
1.0
68
10
12
14
16
18
20
Tc=25
°C
ID=3A
IT04789
2
yfs -- ID
0.1
3
5
7
2
1.0
7
5
3
23
5
7
1.0
10
23
5
7
VDS=10V
Tc=25
°C
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
IT04790
IT04791
0.001
IS -- VSD
0
10
1.0
3
5
7
0.1
0.01
2
3
5
7
2
3
5
7
2
3
5
7
2
3
2
0.3
0.6
0.9
1.2
1.5
Ciss, Coss, Crss -- VDS
0
1000
7
2
5
3
2
100
7
5
510
15
20
25
30
IT04792
10
SW Time -- ID
5
100
7
7
5
3
2
7
1.0
23
5
7
10
A S O
VGS=0V
Tc=25
°C
f=1MHz
Coss
Crss
Ciss
VDD=200V
VGS=15V
td(on)
td(off)
tf
tr
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse
*1. Shows chip capability
*2. SANYO’s ideal heat dissipation condition
0
ID -- VDS
IT04786
IT04787
0
7
6
3
4
5
2
1
2468
10
0
ID -- VGS
0
6
7
5
4
3
2
1
510
15
20
VGS=6V
7V
8V
15V
10V
VDS=10V
Tc=25
°C
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V


Numéro de pièce similaire - 2SK2618ALS

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK2618LS SANYO-2SK2618LS Datasheet
9Kb / 1P
   N- Channel MOS Silicon FET Very High-Speed Switching Applications
logo
Inchange Semiconductor ...
2SK2618LS ISC-2SK2618LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2618ALS

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com