Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

B283 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce B283
Description  Amorphous Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

B283 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  B283 Datasheet HTML 1Page - Sanyo Semicon Device B283 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
92706 / D1505HKIM No.A0111-1/2
B283
Package Dimensions (unit : mm)
Ratings at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Open Circuit Voltage
Voc
FL 200Lx
2.3
V
Short Circuit Current
Isc
FL 200Lx
12.9
µA
Operating Voltage & Operating Current
Iope
FL 200Lx, Vope=1.5V
9.6
12.0
µA
Operating Temperature
Topr
-5 to +40
°C
Storage Temperature
Tstg
-20 to +70
°C
FL: White Fluorescent Light
Ordering number : EN*A0111
1.2
0.18 MAX
Back Side
Light Receiving Side
R29.75
R23.25
R7.25
22.5
GENERAL TOLERANCE : ±0.05
3.0
3.0
Electrode
Electrode
Effective Area
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AM-1816 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-5416 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
AM-5812 Amorphous Solar Cell 1  2  Sanyo Semicon Device
AM-2709 Amorphous Solar Cell 1  2  Sanyo Semicon Device
MAS9011 Solar Cell System Manager 1  2  3  4  5  More Micro Analog systems
HFA3101_04 Gilbert Cell UHF Transistor Array 1  2  3  4  5  More Intersil Corporation
MB-TFT-35-S4-S Suitable for cell phone application the Main LCD adopts one backlight with High brightness 6-lamps white LED 1  2  3  4  5  More List of Unclassifed Manufacturers
BQ27000_06 SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1  2  3  4  5  More Texas Instruments
35-91201 Solar Guard Sunscreen Towel 1  2  3  4  NTE Electronics
BQ27350 Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology 1  2  3  4  5  More Texas Instruments