Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-5416 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce AM-5416
Description  Amorphous Solar Cell Amorton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-5416 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  AM-5416 Datasheet HTML 1Page - Sanyo Semicon Device AM-5416 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90606 / D1505HKIM No.A0056-1/2
AM-5416
Package Dimensions (unit : mm)
Note: Glass Substrate Thickness
: 1.8mm
Module Thickness
: 2.3mm max
Wire-Overcoat Thickness
: 3.3mm max (Including Module)
Standard lead wires length
: 100mm Marking ( A & B )
Ratings at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Open Circuit Voltage
Voc
SS 50kLx
3.1
V
Short Circuit Current
Isc
SS 50kLx
22.9
mA
SS 50kLx, Vope=2.0V
17.4
mA
Operating Voltage & Operating Current
Iope
AM-1.5, 100mW/cm
2, Vope=2.0V
49.9
mA
Operating Temperature
Topr
-5 to +40
°C
Storage Temperature
Tstg
-20 to +70
°C
SS: Solar Simulator
Ordering number : ENA0056
60.1
±0.5
(8)
Glass Juts(4 Corners)
Width : 1.0MAX, Length : 15.0MAX
Effective Area
52.0
(4.1)
±0.2
Overcoat Side
Wire Overcoat
Light Receiving Side
Lead Wires
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AM-1816 Amorphous Solar Cell Amorton 1  2  Sanyo Semicon Device
MAS9011 Solar Cell System Manager 1  2  3  4  5  More Micro Analog systems
ZXSC100 SINGLE CELL DC-DC CONVERTER SOLUTION 1  2  3  4  5  More Zetex Semiconductors
ZXSC100_04 SINGLE CELL DC-DC CONVERTER SOLUTION 1  2  3  4  5  More Zetex Semiconductors
UCC3958-1 Single Cell Lithium-Ion Battery Protection Circuit 1  2  3  4  5  More Texas Instruments
ZXSC300_06 SINGLE OR MULTI CELL LED DRIVER SOLUTION 1  2  3  4  5  More Zetex Semiconductors
ZXSC380 Single or multi cell LED driver solution 1  2  3  4  5  More Zetex Semiconductors
LTC3490 Single Cell 350mA LED Driver 1  2  3  4  5  More Linear Technology
ZSCT1555_06 PRECISION SINGLE CELL TIMER 1  2  3  4  5  More Zetex Semiconductors