Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UAA2080T Datasheet(Fiches technique) 26 Page - NXP Semiconductors

Numéro de pièce UAA2080T
Description  Advanced pager receiver
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

UAA2080T Datasheet(HTML) 26 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1996 Jan 15
26
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
Table 6
AC test conditions (notes 1 and 2)
Notes
1. The tests are executed without load on pins TPI and TPQ.
2. All minimum and maximum values correspond to a bit error rate (BER)
3100 in the wanted signal (P1).
3. The BER measurement is started 5 ms (ton(max)) after VRE goes HIGH; BER is then measured for 100 bits
(BER
3100).
SYMBOL
PARAMETER
CONDITIONS
TEST SIGNALS
αa
adjacent channel selectivity;
Fig.12(b)
f2 =f1 ±∆fCS
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
generator 2: modulated test signal 2
P2 =P1 + αa(min)
αc
co-channel rejection; Fig.12(b) f2 =f1 ± up to 3 kHz
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
generator 2: modulated test signal 2
P2 =P1 −αc(max)
αsp
spurious immunity; Fig.12(b)
f2 = 100 kHz to 2 GHz
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
generator 2: modulated test signal 2
P2 =P1 + αsp( min)
αim
intermodulation immunity;
Fig.12(c)
f2 =f1 ±∆fcs; f3 =f1 ± 2∆fcs
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
generator 2: unmodulated
P2 =P1 + αim(min)
generator 3: modulated test signal 2
P3 =P2
αbl
blocking immunity; Fig.12(b)
f2 =f1 ± 1 MHz
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
generator 2: modulated test signal 2
P2 =P1 + αbl(min)
foffset
frequency offset range;
Fig.12(a)
deviation =
±4.0 kHz, f1 =fi(RF) ± 2 kHz (foffset(min))
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
∆f
dev
deviation range; Fig.12(a)
deviation =
±2.5 to ±7 kHz; (∆fdev(min) to ∆fdev(max))
generator 1: modulated test signal 1
P1 =Pi(ref) +3dB
ton
receiver turn-on time;
Fig.12(a)
note 3
generator 1: modulated test signal 1
P1 =Pi(ref) +10dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UAA2082Advanced pager receiver 1 2 3 4 5 MoreNXP Semiconductors
LT1080Advanced Low Power 5V RS232 Dual Driver/Receiver 1 2 3 4 5 MoreLinear Technology
LT12375V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown 1 2 3 4 5 MoreLinear Technology
BCM4500ADVANCED MODULATION SATELLITE RECEIVER 1 Broadcom Corporation.
BCM3138DUAL UNIVERSAL ADVANCED TDMA PHY-LAYER BURST RECEIVER 1 2 Broadcom Corporation.
UAA3500HLPager receiver 1 2 3 4 5 MoreNXP Semiconductors
KA8515FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
KA8516FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
DS_S1T8515A01FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
S1T8515AFM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn