Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UAA2080T Datasheet(Fiches technique) 23 Page - NXP Semiconductors

Numéro de pièce UAA2080T
Description  Advanced pager receiver
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

UAA2080T Datasheet(HTML) 23 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1996 Jan 15
23
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
AC CHARACTERISTICS (470 MHz)
VP = 2.05 V; Tamb =25 °C; test circuit Figs 3 or 4; fi(RF) = 469.950 MHz with ±4.0 kHz deviation; 1200 baud pseudo
random bit sequence modulation (tr = 250 ± 25 µs measured between 10% and 90% of voltage amplitude) and 20 kHz
channel spacing; unless otherwise specified.
Notes
1. The bit error rate BER is measured using the test facility shown in Fig.13. Note that the BER test facility contains a
digital input filter equivalent to the one used in the PCA5000A, PCF5001 and PCD5003 POCSAG decoders.
2. Capacitor C16 requires re-adjustment to compensate temperature drift.
3. Test circuit Fig.5. Pi(mix) is the maximum available power at the input of the test board. The bit error rate BER is
measured using the test facility shown in Fig.13.
4.
∆f is the frequency offset between the required signal and the interfering signal.
5. Turn-on time is defined as the time from pin RE going HIGH to the reception of valid data on output pin DO. Turn-on
time is measured using an external oscillator (turn-on time using the internal oscillator is dependent upon the
oscillator circuitry).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Radio frequency input
Pi(ref)
input sensitivity (Pi(ref) is the
maximum available power at
the RF input of the test board)
BER
3100; note 1
−−124.5 −121.5 dBm
Tamb = −10 to +70 °C; note 2
−−−118.5 dBm
VP = 1.9 V
−−−115.5 dBm
Mixer input
Pi(mix)
input sensitivity
BER
3100; note 3
−−115.0 −110.0 dBm
Mixers to demodulator
αacs
adjacent channel selectivity
Tamb =25 °C67
70
dB
Tamb = −10 to +70 °C65
−−
dB
α
ci
IF filter channel imbalance
−−
2dB
α
c
co-channel rejection
47dB
α
sp
spurious immunity
50
60
dB
α
im
intermodulation immunity
55
60
dB
α
bl
blocking immunity
∆f >±1 MHz; note 4
75
82
dB
foffset
frequency offset range
(3 dB degradation in sensitivity)
deviation f =
±4.0 kHz
±2.0
−−
kHz
deviation f =
±4.5 kHz
±2.5
−−
kHz
∆f
dev
deviation range
(3 dB degradation in sensitivity)
2.5
7.0
kHz
ton
receiver turn-on time
data valid after setting RE input
HIGH; note 5
−−
5ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UAA2082Advanced pager receiver 1 2 3 4 5 MoreNXP Semiconductors
LT1080Advanced Low Power 5V RS232 Dual Driver/Receiver 1 2 3 4 5 MoreLinear Technology
LT12375V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown 1 2 3 4 5 MoreLinear Technology
BCM4500ADVANCED MODULATION SATELLITE RECEIVER 1 Broadcom Corporation.
BCM3138DUAL UNIVERSAL ADVANCED TDMA PHY-LAYER BURST RECEIVER 1 2 Broadcom Corporation.
UAA3500HLPager receiver 1 2 3 4 5 MoreNXP Semiconductors
KA8515FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
KA8516FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
DS_S1T8515A01FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
S1T8515AFM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn