Moteur de recherche de fiches techniques de composants électroniques |
|
LC261 Fiches technique(PDF) 5 Page - Seoul Semiconductor |
|
LC261 Fiches technique(HTML) 5 Page - Seoul Semiconductor |
5 / 13 page -5- SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 <050201> Rev. 0.0 LC531 Preliminary 5. RELIABLITY TESTS 0/50 100cycles T a = -40ºC (25min) ~ 25ºC (5min) ~ 105ºC (25min) ~ 25ºC (5min) Temperature Cycle 0/22 1 time 1kV, 1.5kΩ ; 100pF ESD (Human Body Model) 0/50 100cycles T a = -40ºC (30min) ~ 105º (30min) (Transfer time : 5sec, 1Cycle = 1hr) Thermal Shock 0/22 100hrs T a = 85ºC, RH = 85% I F = 15mA Temperature Humidity Operating 0/50 1000hrs T a = 85ºC, RH = 85% Temperature Humidity Storage 0/50 1000hrs T a = -40ºC Low Temperature Storage 0/50 1000hrs T a = 105ºC High Temperature Storage 0/50 0/50 0/22 0/22 0/22 Failures 10cycles T a = 25ºC ~ 65ºC ~ -10ºC, RH = 90% (1Cycle = 24hrs) Moisture Resistance Cycle 1 time T s = 260 ± 5ºC, t = 10 ± 1sec Resistance to soldering Heat 1000hrs T a = 100ºC, IF = 10mA High Temperature Operating 1000hrs T a = -40ºC, IF = 20mA Low Temperature Operating 1000hrs T a = RT, IF = 30mA Life Test Note Condition Item < Judging Criteria For Reliability Tests > LSL 2 X 0.7 I V USL X 2.0 I R USL 1 X 1.2 V F Notes : 1. USL : Upper Standard Level 2. LSL : Lower Standard Level. |
Numéro de pièce similaire - LC261 |
|
Description similaire - LC261 |