Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSA5514 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TSA5514
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TSA5514 Datasheet HTML 6Page - NXP Semiconductors TSA5514 Datasheet HTML 7Page - NXP Semiconductors TSA5514 Datasheet HTML 8Page - NXP Semiconductors TSA5514 Datasheet HTML 9Page - NXP Semiconductors TSA5514 Datasheet HTML 10Page - NXP Semiconductors TSA5514 Datasheet HTML 11Page - NXP Semiconductors TSA5514 Datasheet HTML 12Page - NXP Semiconductors TSA5514 Datasheet HTML 13Page - NXP Semiconductors TSA5514 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
October 1992
10
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
Notes to the characteristics
1. When a port is active, the collector voltage must not exceed 6 V.
2. Measured with a single open-collector port active.
SCL and SDA inputs
IIH
HIGH level input current
VIH = 5 V; Vcc = 0 V
−−
10
µA
VIH = 5 V; Vcc = 5 V
−−
10
µA
IIL
LOW level input current
VIL = 0 V; Vcc = 0 V
−10
−−µA
VIL = 0 V; Vcc = 5 V
−10
−−µA
Output SDA (pin 4; open collector)
ILO
output leakage current
VO = 5.5 V
−−
10
µA
VO
output voltage
IO = 3 mA
−−
0.4
V
Charge-pump output PD (pin 1)
IOH
HIGH level output current
(absolute value)
CP = 1
90
220
300
µA
IOL
LOW level output current
(absolute value)
CP = 0
22
50
75
µA
V1
output voltage
in-lock
1.5
2.5
V
I1leak
off-state leakage current
T0 = 1
−5
5nA
Operational amplifier output UD (test mode T0 = 1)
V18
output voltage
VIL = 0 V
−−
100
mV
V18
output voltage when
switched-off
OS = 1; VIL = 2 V
−−
200
mV
G
operational amplifier
current gain;
I18/(I1 - I1leak)
OS = 0; VIL = 2 V;
I18 = 10 µA
2000
−−
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TSA5514

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
More results

Description similaire - TSA5514

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com