Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA6845H Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TEA6845H
Description  New In Car Entertainment NICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6845H Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TEA6845H Datasheet HTML 5Page - NXP Semiconductors TEA6845H Datasheet HTML 6Page - NXP Semiconductors TEA6845H Datasheet HTML 7Page - NXP Semiconductors TEA6845H Datasheet HTML 8Page - NXP Semiconductors TEA6845H Datasheet HTML 9Page - NXP Semiconductors TEA6845H Datasheet HTML 10Page - NXP Semiconductors TEA6845H Datasheet HTML 11Page - NXP Semiconductors TEA6845H Datasheet HTML 12Page - NXP Semiconductors TEA6845H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
2001 Apr 12
9
Philips Semiconductors
Product specification
New In Car Entertainment (NICE) car radio
TEA6845AH; TEA6845H
7
FUNCTIONAL DESCRIPTION
7.1
Oscillators
7.1.1
VCO
The L and C tuned VCO provides the local oscillator signal
for both FM and AM mixer 1. It has a frequency range of
151.2 to 248.2 MHz.
7.1.2
CRYSTAL OSCILLATOR
The crystal oscillator provides a 20.5 MHz signal that is
used for:
• Reference frequency for frequency synthesizer PLL
• Local oscillator for AM mixer 2
• Reference frequency for the IF counter
• Timing signal for the RDS update algorithm
• Reference frequency (75.4 kHz) for the TEA6880H (car
audio signal processor - CASP) or TEF6890H (car radio
integrated signal processor).
7.1.3
PLL
Fast synthesizer PLL tuning system with local control for
inaudible RDS updating.
7.2
FM signal channel
7.2.1
DAA
FM RF Digital Auto Alignment (DAA) circuitry for the
conversion of the VCO tuning voltage to a controlled
alignment voltage for the FM antenna tank circuit.
7.2.2
FM I/Q MIXER
FM quadrature mixer converts FM RF (65 to 162.55 MHz)
to IF of 10.7 MHz. The FM mixer provides inherent image
rejection and high RF sensitivity.
It is capable of tuning the US FM, US weather,
Europe FM, Japan FM and East Europe FM bands:
• US FM = 87.9 to 107.9 MHz
• US weather FM = 162.4 to 162.55 MHz
• Europe FM = 87.5 to 108 MHz
• Japan FM = 76.0 to 91 MHz
• East Europe FM = 65.8 to 74 MHz.
7.2.3
FM KEYED AGC
FM contains keyed wide-band RF AGC. AGC detection
occurs at the FM mixer. The wide-band RF signal switches
a narrow band signal (IF) from the FM IF level detector
circuitry that controls the FM RF AGC block.
It includes an AGC PIN diode drive circuit for the FM RF
AGC. The PIN diode drive can be activated via the I2C-bus
as a local or distance function.
The AGC threshold is programmable and the keyed AGC
function is switchable via the I2C-bus.
7.2.4
FM IF AMPLIFIERS
The two FM IF amplifiers provide 10 dB and 4 dB
amplification with high linearity and dynamic range.
7.2.5
FM DEMODULATOR
The FM quadrature demodulator includes automatic
centre frequency adjustment and THD compensation.
7.3
AM signal channel
7.3.1
AM TUNER INCLUDING MIXER 1 AND MIXER 2
The AM tuner is realized in a double conversion technique
and is capable of selecting LW, MW and SW bands.
AM mixer 1 converts AM RF to IF1 of 10.7 MHz, while
AM mixer 2 converts IF1 of 10.7 MHz to IF2 of 450 kHz:
• LW = 144 to 288 kHz
• MW = 530 to 1710 kHz (US AM band)
• SW = 5.85 to 9.99 MHz (including the 31 m, 41 m and
49 m bands).
7.3.2
AM RF AGC AND IF2 AGC
The AM RF includes a PIN diode drive circuit. The
threshold detection points for AM AGC are performed at
AM mixer 1 and AM IF2. AGC thresholds are
programmable via the I2C-bus.
7.3.3
AM DETECTOR
The AM detector provides AM level information and
AM AF or AM IF2.
7.3.4
AM AF OR IF2 SWITCH
The AM output provides either a detected AM AF or the
corresponding AM IF2 signal. The IF2 signal can be used
for AM stereo decoder processing.


Numéro de pièce similaire - TEA6845H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Description similaire - TEA6845H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com