Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA6810V Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TEA6810V
Description  Front-end and PLL synthesizers for car radios
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6810V Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TEA6810V Datasheet HTML 6Page - NXP Semiconductors TEA6810V Datasheet HTML 7Page - NXP Semiconductors TEA6810V Datasheet HTML 8Page - NXP Semiconductors TEA6810V Datasheet HTML 9Page - NXP Semiconductors TEA6810V Datasheet HTML 10Page - NXP Semiconductors TEA6810V Datasheet HTML 11Page - NXP Semiconductors TEA6810V Datasheet HTML 12Page - NXP Semiconductors TEA6810V Datasheet HTML 13Page - NXP Semiconductors TEA6810V Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Jun 18
10
Philips Semiconductors
Product specification
Front-end and PLL synthesizers for
car radios
TEA6810V; TEA6811V
FM signal channel (note 3; see Fig.5)
MIXER
Ri
input resistance between
pins 30 and 31
1.65(2)
2
k
Ci
input capacitance between
pins 30 and 31
3.4(2)
4
4.5(2)
pF
Ro
output resistance between
pins 11 and 12
10
−−
k
Co
output capacitance between
pins 11 and 12
6.5(2)
89(2)
pF
Gm
transconductance
I11 to I12/V30 to V31 <VAGC1
5.5
6.3
6.9
mS
I11 to I12/V30 to V31 <VAGC2
4.7
mS
I11 to I12/V30 to V31 <VAGC3
2.3
mS
I11 to I12/V30 to V31 >VAGC3
1.0
mS
∆GmT
variation in transconductance
with temperature
<VAGC1
−−0.015
mS/K
F
noise figure
(both sidebands)
fi = 72.2 MHz; PLL tuned
7(2)
dB
IP3
third-order intermodulation
135(2)
139
dBmV
CP
−1 dB compression point
120(2)
127
dBmV
α
IF1
1st IF rejection
25(2)
30
dB
VAGC(S)
AGC start voltage between
pins 30 and 31
start level 1
4.8
6.2
7.8
mV
start level 2
15
mV
start level 3
39
mV
VAGC(H)
AGC hysteresis voltage
hysteresis level 1
1
mV
hysteresis level 2
2
mV
hysteresis level 3
3
mV
R33
FM AGC output resistance
5
k
Ipin
pin diode current
V32 = 1.4 V
4
−−
mA
Vpin
start level pin diode voltage
between pins 30 and 31
Io =1mA
57
mV
OSCILLATOR
fosc
oscillator frequency
116.8
207
MHz
∆f
osc/∆T
oscillator temperature
dependence
−−90
10−6/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TEA6810V

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

Description similaire - TEA6810V

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com