Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CK2540-9ERD3TB1 Fiches technique(PDF) 1 Page - Power-One

No de pièce CK2540-9ERD3TB1
Description  150 Watt DC-DC and AC-DC Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

CK2540-9ERD3TB1 Fiches technique(HTML) 1 Page - Power-One

  CK2540-9ERD3TB1 Datasheet HTML 1Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 2Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 3Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 4Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 5Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 6Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 7Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 8Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
K Series Data Sheet
150 Watt DC-DC and AC-DC Converters
APR 26, 2006 revised to MAY 15, 2006
Page 1 of 34
www.power-one.com
• Extremely-wide input voltage range
• Input over- and undervoltage lockout
• Efficient input filter and built-in surge and transient
suppression circuitry
• Outputs open- and short-circuit proof
• No derating over entire operating temperature range
Table of Contents
Page
Description ................................................................................1
Model Selection ........................................................................2
Part Number Description and Product Marking ........................3
Functional Description ..............................................................4
Electrical Input Data ..................................................................5
Electrical Output Data ..............................................................8
Auxiliary Functions ..................................................................12
168
6.6"
80
3.2"
16 TE
111
4.4"
3 U
Safety according to IEC/EN 60950
Page
Electromagnetic Compatibility (EMC) ....................................15
Immunity to Environmental Conditions ..................................17
Mechanical Data ....................................................................18
Safety and Installation Instructions ........................................20
Description of Options ............................................................24
Accessories ............................................................................33
EC-Declaration of conformity ..................................................34
Input voltage ranges from 8 to 385 VDC and 85 to 264 VAC, 47-440 Hz
1or 2 isolated outputs up to 48 VDC
Class I equipment
Description
The K Series of DC-DC and AC-DC converters represents a
broad and flexible range of power supplies for use in advanced
electronic systems. Features include high efficiency, high
reliability, low output voltage noise and excellent dynamic
response to load/line changes. LK models can be powered by
DC or AC with a wide-input frequency range (without PFC).
The converter inputs are protected against surges and
transients. An input over- and undervoltage lockout circuitry
disables the outputs if the input voltage is outside of the
specified range. Certain types include an inrush current limiter
preventing circuit breakers and fuses from tripping at switch-on.
All outputs are open- and short-circuit proof and are protected
against overvoltages by means of built-in suppressor diodes.
The outputs can be inhibited by a logic signal applied to pin 18
(i). If the inhibit function is not used, pin 18 must be connected
with pin 14 to enable the outputs.
LED indicators display the status of the converter and allow for
visual monitoring of the system at any time.
Full input-to-output, input-to-case, output-to-case and output-to-
output isolation is provided. The converters are designed and
built according to the international safety standards IEC/EN
60950 and EN50155. They have been approved by the safety
agencies TÜV and UL (for USA and Canada).
The case design allows operation at nominal load up to 71 °C in a
free-air ambient temperature. If forced cooling is provided, the
ambient temperature may exceed 71 °C, but the case temperature
must remain below 95 °C under all conditions.
A temperature sensor generates an inhibit signal, which disables
the outputs if the case temperature Tc exceeds the limit. The
outputs are automatically re-enabled when the temperature drops
below the limit.
Various options are available to adapt the converters to individual
applications.
The converters may either be plugged into a 19" rack system
according to IEC 60297-3, or be chassis mounted. They are ideally
suited for Railway applications.
Features
Important: For applications requiring compliance with IEC/EN 61000-3-2
(harmonic distortion), please use our LK4000 and LK5000 Series with
incorporated power factor correction (PFC).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn