Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CK2540-9ERD3TB1 Fiches technique(PDF) 5 Page - Power-One

No de pièce CK2540-9ERD3TB1
Description  150 Watt DC-DC and AC-DC Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

CK2540-9ERD3TB1 Fiches technique(HTML) 5 Page - Power-One

  CK2540-9ERD3TB1 Datasheet HTML 1Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 2Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 3Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 4Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 5Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 6Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 7Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 8Page - Power-One CK2540-9ERD3TB1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
K Series Data Sheet
150 Watt DC-DC and AC-DC Converters
APR 26, 2006 revised to MAY 15, 2006
Page 5 of 34
www.power-one.com
Table 2b: Input data
Input
CK
DK
EK
LK
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Unit
Vi
Operating input voltage
Io = 0 - Io nom
28
140
44
220
67
385
88
372
VDC
TC min - TC max
85
4
264
4
VAC
Vi nom Nominal input voltage
60
110
220
310
VDC
Ii
Input current
Vi nom, Io nom
1
3.0
1.6
0.8
0.4
A
Pi0
No-load input power
Vi min - Vi max
2.5
2.5
2.5
2.5
W
Pi inh
Idle input power
model inhibited
1.5
1.5
1.5
4.5
Ri
Input resistance
150
170
180
480
m
Ω
RNTC
NTC resistance
2
12
4
4
Ω
Ci
Input capacitance
830
330
270
270
μF
Vi RFI
Conducted input RFI
EN 55022
B
B
B
B
Radiated input RFI
Vi nom, Io nom
BB
B
B
Vi abs
Input voltage limits
0
154
0
400
3
0
400
-400
400
VDC
without damage
1 For double output models both outputs loaded with I
o nom.
2 Valid for -7 versions without option E. This is the nominal value at 25 °C and applies to cold models at initial switch-on cycle. Subsequent
switch-on/off cycles increase the inrush current peak value.
3 For 1 s max.
4 AC operating frequency range is 47 to 440 Hz (440 Hz for 115 V mains). For frequencies
≥ 63 Hz refer to Safety and Installation Instructions.
Input Transient Protection
A suppressor diode and/or a VDR (depending on input voltage
range) together with the input fuse and a symmetrical input filter
form an effective protection against high input transient voltages
which typically occur in most installations, but especially in
battery-driven mobile applications.
Nominal battery voltages in use are: 12, 24, 36, 48, 60, 72, 110,
and 220 V. In most cases each nominal value is specified in a
tolerance of –30% to 25%.
In certain applications, surges according to RIA 12 are
specified in addition to those defined in IEC 60571-1. The
power supply must not switch off during these surges and
since their energy can practically not be absorbed an
extremely wide input range is required. The EK input range
for 110 V batteries has been designed and tested to meet
this requirement.
Electrical Input Data
General Conditions
– TA = 25 °C, unless TC is specified.
– Pin 18 connected to pin 14, R input not connected, Vo adjusted to Vo nom (option P)
– Sense line pins S+ and S– connected to Vo+ and Vo–, respectively.
Table 2a: Input data
Input
AK
BK
FK
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
Unit
Vi
Operating input voltage
Io = 0 - Io nom
8
35
14
70
20
100
VDC
Vi nom Nominal input voltage
TC min - TC max
15
30
50
Ii
Input current
Vi nom, Io nom
1
9.0
6.0
3.75
A
Pi0
No-load input power
Vi min - Vi max
2.5
2.5
2.5
W
Pi inh
Idle input power
model inhibited
1.5
1.5
1.5
Ri
Input resistance
65
100
70
m
Ω
Ci
Input capacitance
1040
370
1500
μF
Vi RFI Conducted input RFI
EN 55022
A
B
B
Radiated input RFI
Vi nom, Io nom
AAB
Vi abs Input voltage limits
0
40
0
80
0
100
VDC
without damage


Numéro de pièce similaire - CK2540-9ERD3TB1

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
CK2540-7R POWER-ONE-CK2540-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
More results

Description similaire - CK2540-9ERD3TB1

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
Power-One
AK1001-7R POWER-ONE-AK1001-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
logo
List of Unclassifed Man...
CHB150-110S ETC2-CHB150-110S Datasheet
165Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
ETA-USA
VTE-SA ETA-USA-VTE-SA Datasheet
238Kb / 3P
   150 WATT AC-DC CONVERTER
BSE-SA ETA-USA-BSE-SA Datasheet
157Kb / 2P
   150 WATT AC-DC CONVERTER
WRE-SX ETA-USA-WRE-SX Datasheet
423Kb / 4P
   150 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com