Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA5759H Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TEA5759H
Description  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5759H Fiches technique(HTML) 5 Page - NXP Semiconductors

  TEA5759H Datasheet HTML 1Page - NXP Semiconductors TEA5759H Datasheet HTML 2Page - NXP Semiconductors TEA5759H Datasheet HTML 3Page - NXP Semiconductors TEA5759H Datasheet HTML 4Page - NXP Semiconductors TEA5759H Datasheet HTML 5Page - NXP Semiconductors TEA5759H Datasheet HTML 6Page - NXP Semiconductors TEA5759H Datasheet HTML 7Page - NXP Semiconductors TEA5759H Datasheet HTML 8Page - NXP Semiconductors TEA5759H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
1999 Aug 26
5
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5757; TEA5759
PINNING
SYMBOL
PIN
DESCRIPTION
RIPPLE
1
ripple capacitor input
AM-RFI
2
AMRF input
FM-RFO
3
parallel tuned FMRF circuit to ground
RFGND
4
RF ground and substrate
FMOSC
5
parallel tuned FM-oscillator circuit to ground
AMOSC
6
parallel tuned AM-oscillator circuit to ground
VCC1
7
supply voltage
TUNE
8
tuning current output
VCO
9
voltage controlled oscillator input
AFO
10
AM/FM AF output (output impedance typical 5 k
Ω)
MPXI
11
stereo decoder input (input impedance typical 150 k
Ω)
LFI
12
loop-filter input
MUTE
13
mute input
AFLO
14
left channel output (output impedance typical 4.3 k
Ω)
AFRO
15
right channel output (output impedance typical 4.3 k
Ω)
PILFIL
16
pilot detector filter input
IFGND
17
ground of IF, detector and MPX stage
FMDEM
18
ceramic discriminator input
AFC(n)
19
AFC negative output
AFC(p)
20
AFC positive output
FSI
21
field-strength indicator
VCC2
22
supply voltage for tuning
VDDD
23
digital supply voltage
MO/ST
24
mono/stereo and tuning indication output
XTAL
25
crystal input
DGND
26
digital ground
BUS-CLOCK
27
bus-clock input
DATA
28
bus data input/output
WRITE-ENABLE
29
bus write-enable input
P0
30
programmable output port (P0)
P1
31
programmable output port (P1)
AFC
32
450 kHz LC-circuit
FM-IFI2
33
FMIF input 2 (input impedance typical 330
Ω)
VSTAB(B)
34
internal stabilized supply voltage (B)
FM-IFO1
35
FMIF output 1 (output impedance typical 330
Ω)
AM-IFI/O2
36
input/output to IF-Tank (IFT); output: current source
FM-IFI1
37
FMIF input 1 (input impedance typical 330
Ω)
VSTAB(A)
38
internal stabilized supply voltage (A)
FM-MIXER
39
ceramic filter output (output impedance typical 330
Ω)
AM-MIXER
40
open-collector output to IFT


Numéro de pièce similaire - TEA5759H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5759HL PHILIPS-TEA5759HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results

Description similaire - TEA5759H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com