Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FDC20-12S33 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce FDC20-12S33
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FDC20-12S33 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC20-12S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC20-12S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC20-12S33 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDC20-12S33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
f d c 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTROdYNE.cOM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
TRIPLE OUTPUT
FDC20-12T3312
3.3, +/-12 VDC
3, +/-0.3
9-18 VDC
FDC20-24T3312
3, +/-0.3
18-36 VDC
FDC20-48T3312
3, +/-0.3
36-72 VDC
FDC20-12T3315
3.3, +/-15 VDC
3, +/-0.25
9-18 VDC
FDC20-24T3315
3, +/-0.25
18-36 VDC
FDC20-48T3315
3, +/-0.25
36-72 VDC
FDC20-12T0512
5, +/-12 VDC
2, +/-0.3
9-18 VDC
FDC20-24T0512
2, +/-0.3
18-36 VDC
FDC20-48T0512
2, +/-0.3
36-72 VDC
FDC20-12T0515
5, +/-15 VDC
2, +/-0.25
9-18 VDC
FDC20-24T0515
2, +/-0.25
18-36 VDC
FDC20-48T0515
2, +/-0.25
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SU20 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SB08 Isolated and Regulated 8 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
ASD05H Isolated and Regulated 5 WATT Open Frame DC/DC Converter 1  2  3  List of Unclassifed Manufacturers
ASD35 5V Input 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
0RLC-25T ISOLATED DC/DC CONVERTERS 1  2  3  4  5  More Bel Fuse Inc.
0RXL-02T050 ISOLATED DC/DC CONVERTERS 1  2  3  4  5  Bel Fuse Inc.
SMFL Single and Dual DC/DC Converters 1  2  3  4  5  More Interpion semiconductor
DCP02 Miniature 2W Isolated UNREGULATED DC/DC CONVERTERS 1  2  3  4  5  More Texas Instruments
SRCA-16S10L ISOLATED DC/DC CONVERTERS 1  2  3  4  5  Bel Fuse Inc.
LTC3200 Low Noise Regulated Charge Pump DC/DC Converters 1  2  3  4  5  More Linear Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn