Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62261DRV Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS62261DRV
Description  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62261DRV Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62261DRV Datasheet HTML 1Page - Texas Instruments TPS62261DRV Datasheet HTML 2Page - Texas Instruments TPS62261DRV Datasheet HTML 3Page - Texas Instruments TPS62261DRV Datasheet HTML 4Page - Texas Instruments TPS62261DRV Datasheet HTML 5Page - Texas Instruments TPS62261DRV Datasheet HTML 6Page - Texas Instruments TPS62261DRV Datasheet HTML 7Page - Texas Instruments TPS62261DRV Datasheet HTML 8Page - Texas Instruments TPS62261DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS62260, TPS62261, TPS62262
SLVS763 – JUNE 2007
Over full operating ambient temperature range, typical values are at T
A = 25°C. Unless otherwise noted, specifications apply
for condition V
IN = EN = 3.6V. External components CIN = 4.7µF 0603, COUT = 10µF 0603, L = 2.2µH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6
V
VIN 2.5 V to 6 V
600
IOUT
Output current
VIN 2.3 V to 2.5 V
300
mA
VIN 2 V to 2.3 V
150
IOUT = 0 mA, PFM mode enabled
15
(MODE = GND) device not switching
µA
IOUT = 0 mA, PFM mode enabled
(MODE = GND) device switching, VOUT = 1.8 V,
18.5
IQ
Operating quiescent current
See (1)
IOUT = 0 mA, switching with no load
(MODE = VIN), PWM operation, VOUT = 1.8 V,
3.8
mA
VIN = 3 V
ISD
Shutdown current
EN = GND
0.1
1
µA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, MODE
High level input voltage, EN,
2 V
≤ V
IN ≤ 6 V
1
VIN
VIH
V
MODE
Low level input voltage, EN,
2 V
≤ V
IN ≤ 6 V
0
0.4
VIL
V
MODE
IIN
Input bias current, EN, MODE
EN, MODE = GND or VIN
0.01
1
µA
POWER SWITCH
High side MOSFET on-resistance
240
480
RDS(on)
VIN = VGS = 3.6 V, TA = 25°C
m
Low side MOSFET on-resistance
185
380
Forward current limit MOSFET
ILIMF
VIN = VGS = 3.6 V
0.8
1
1.2
A
high-side and low side
Thermal shutdown
Increasing junction temperature
140
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
OSCILLATOR
fSW
Oscillator frequency
2 V
≤ V
IN≤ 6 V
2
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VIN
V
Vref
Reference voltage
600
mV
MODE = VIN, PWM operation, for fixed output
Feedback voltage PWM Mode
voltage versions VFB = VOUT,
–1.5%
0%
1.5%
2.5 V
≤ V
IN ≤ 6 V, 0 mA ≤ IOUT ≤ 600 mA, See
(2)
VFB
MODE = GND, device in PFM mode, voltage
Feedback voltage PFM mode
1%
positioning active, See (1)
Load regulation
PWM Mode
-0.5
%/A
Time from active EN to reach 95% of VOUT
500
tStart Up
Start-up time
µs
nominal
tRamp
VOUT ramp up time
Time to ramp from 5% to 95% of VOUT
250
µs
VIN = 3.6 V, VIN = VOUT = VSW, EN = GND,
Ilkg
Leakage current into SW pin
0.1
1
µA
See (3)
(1)
In PFM mode, the internal reference voltage is set to typ. 1.01
×V
ref. See the parameter measurement information.
(2)
For VIN = VO + 0.6 V
(3)
In fixed output voltage versions, the internal resistor divider network is disconnected from FB pin.
3
Submit Documentation Feedback


Numéro de pièce similaire - TPS62261DRV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62261DRVR TI-TPS62261DRVR Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62261DRVR TI-TPS62261DRVR Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62261DRVRG4 TI-TPS62261DRVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62261DRVT TI-TPS62261DRVT Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62261DRVT TI-TPS62261DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
More results

Description similaire - TPS62261DRV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com