Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40192 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40192
Description  4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40192 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS40192 Datasheet HTML 2Page - Texas Instruments TPS40192 Datasheet HTML 3Page - Texas Instruments TPS40192 Datasheet HTML 4Page - Texas Instruments TPS40192 Datasheet HTML 5Page - Texas Instruments TPS40192 Datasheet HTML 6Page - Texas Instruments TPS40192 Datasheet HTML 7Page - Texas Instruments TPS40192 Datasheet HTML 8Page - Texas Instruments TPS40192 Datasheet HTML 9Page - Texas Instruments TPS40192 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
95
125
50
65
80
110
−0.50
−0.45
−0.40
−0.20
−0.15
−0.05
−0.35
−0.30
−0.25
0.00
0.50
−0.10
−40 −25 −10
5
20
35
95
125
−4.5
−4.0
−3.5
−1.5
−1.0
−0.5
0.5
−3.0
−2.5
−2.0
0.0
50
65
80
110
TJ − Junction Temperature − °C
TJ − Junction Temperature − °C
0
10
20
30
40
50
60
−40 −25 −10
5
20
35
95
50
65
80
110 125
VENABLE< 0.6 V
TJ − Junction Temperature − °C
0
0.5
1.0
1.5
2.0
2.5
−40 −25 −10
5
20
35
95
125
50
65
80
110
Turn On
Turn Off
TPS40192, TPS40193
SLUS719 – MARCH 2007
RELATIVE REFERENCE FEEDBACK VOLTAGE
RELATIVE OSCILLATOR FREQUENCY CHANGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SHUTDOWN INPUT CURRENT
ENABLE THRESHOLD VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS40192

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40192 TI1-TPS40192 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192DRCR TI-TPS40192DRCR Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCR TI1-TPS40192DRCR Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results

Description similaire - TPS40192

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com