Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7520NKBBCZ-80 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7520NKBBCZ-80
Description  Low-Power HDMI/DVI Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7520NKBBCZ-80 Fiches technique(HTML) 1 Page - Analog Devices

  ADV7520NKBBCZ-80 Datasheet HTML 1Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 2Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 3Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 4Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low-Power
HDMI/DVI Transmitter
Preliminary Technical Data
ADV7520NK
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
7 Analog Devices, Inc. All rights reserved.
FEATURES
General
Low-power HDMITM/DVI transmitter ideal for portable
applications
CEC controller and buffer reduces system overhead.
Compatible with HDMI v1.3, DVI v1.0, and HDCP 1.3
Single 1.8V power supply
Video/audio inputs accept logic level s from 1.8V to 3.3V
Digital video
80 MHz operation supports all video resolutions from 480i
to 1080i
Programmable two-way color space converter
Supports RGB, YCbCr, DDR
Supports ITU656 based embedded syncs
Auto input video format timing detection (CEA-861D)
Digital audio
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C® master to perform HDCP
operations and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF
and I2S
On-chip MPU reports HDMI events through interrupts and
registers
APPLICATIONS
Digital video cameras,
Digital still cameras
Personal media players
Cellular handsets
DVD players and recorders
Digital set-top boxes
A/V receivers
HDMI repeater
GENERAL DESCRIPTION
The ADV7520NK is an 80 MHz, high definition multimedia
interface (HDMI) v.1.3 transmitter. It supports HDTV formats
up to 1080i and 720p, and computer graphic resolutions up to
XGA (1024 x 768 @ 75 Hz). With the inclusion of HDCP
(available in the BGA package only), the
FUNCTIONAL BLOCK DIAGRAM
Audio
Data
Capture
Video
Data
Capture
I2C
Slave
4:2:2
4:4:4
&
Color
Space
Converter
Registers
&
Config.
Logic
HDCP &
EDID
Micro-
controller
HDCP
Encryption
I2C
Master
TMDS
Outputs
DE
CLK
HPD
INT
SCL
SDA
MCLK
SCLK
I2S[3:0]
LRCLK
S/PDIF
DDCSDA
DDCSCL
Tx1
Tx0
Tx2
TxC
CEC
Audio
Data
Capture
Video
Data
Capture
I2C
Slave
4:2:2
4:4:4
&
Color
Space
Converter
Registers
&
Config.
Logic
HDCP &
EDID
Micro-
controller
HDCP
Encryption
I2C
Master
TMDS
Outputs
D[23:0]
DE
CLK
HPD
INT
SCL
SDA
MCLK
SCLK
I2S[3:0]
LRCLK
S/PDIF
DDCSDA
DDCSCL
Tx1
Tx0
Tx2
TxC
CEC Controller/
Buffer
ADV7520NK
VSYNC
HSYNC
Figure 1.
ADV7520NK allows the secure transmission of protected
content as specified by the HDCP v1.3 protocol.
The ADV7520NK supports both S/PDIF and 8-channel I2S
audio. Its high fidelity 8-channel I2S can transmit either stereo
or 7.1 surround audio at 192 kHz. The S/PDIF can carry
stereo LPCM audio or compressed audio including Dolby®
Digital and DTS®.
The ADV7520NK helps to reduce system design complexity
and cost by incorporating such features as an internal MPU for
HDCP operations, an I2C master for EDID reading, a single
1.8V power supply and 5 V tolerance on I2C and hot plug detect
pins.
Fabricated in an advanced CMOS process, the ADV7520NK
is available in a space saving, 76-ball, CSP_BGA or 64-lead
LFCSP surface-mount package. Both packages are available as
RoHS compliant and are specified from −25°C to +85°C
operational.


Numéro de pièce similaire - ADV7520NKBBCZ-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
More results

Description similaire - ADV7520NKBBCZ-80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com