Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA5551 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TEA5551
Description  1-chip AM radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5551 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TEA5551 Datasheet HTML 1Page - NXP Semiconductors TEA5551 Datasheet HTML 2Page - NXP Semiconductors TEA5551 Datasheet HTML 3Page - NXP Semiconductors TEA5551 Datasheet HTML 4Page - NXP Semiconductors TEA5551 Datasheet HTML 5Page - NXP Semiconductors TEA5551 Datasheet HTML 6Page - NXP Semiconductors TEA5551 Datasheet HTML 7Page - NXP Semiconductors TEA5551 Datasheet HTML 8Page - NXP Semiconductors TEA5551 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
October 1990
3
Philips Semiconductors
Product specification
1-chip AM radio
TEA5551T
QUICK REFERENCE DATA (at Tamb = 25 °C)
PACKAGE OUTLINE
16-lead mini-pack; plastic (SO16; SOT109A); SOT109-1; 1996 July 25.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
1.8
3.0
4.5
V
Supply current
I5 + I10
6
mA
AM part
m = 0.3
RF sensitivity
RF input voltage
Vo(AF) = 10 mV
Vi(RF)
1.5
−µV
S/N = 26 dB
Vi(RF)
15
−µV
S/N = 50 dB
Vi(RF)
10
mV
AF output voltage
Vi(RF) = 1 mV
Vo(AF)
80
mV
Total harmonic distortion
Vi(RF) = 100 µV to 30 mV
THD
0.8
%
Signal handling capability
m = 0.8; THD = 10%
Vi(RF)
80
mV
AF part
both channels driven
Output power
RL = 32 Ω; THD = 10%
at VS = 3.0 V
Po
25
mW
at VS = 4.5 V
Po
60
mW
Voltage gain
Po = 10 mW
Gv
32
dB
Channel separation
1 kHz
α−
50
dB


Numéro de pièce similaire - TEA5551

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5500 PHILIPS-TEA5500 Datasheet
362Kb / 9P
   Coded locking circuit for security systems
October 1990
TEA5500T PHILIPS-TEA5500T Datasheet
362Kb / 9P
   Coded locking circuit for security systems
October 1990
TEA5501 PHILIPS-TEA5501 Datasheet
269Kb / 11P
   CODED LOCKING CIRCUIT FOR SECURITY SYSTEMS
October 1990
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
   RF/IF circuit for AM/FM radio
September 1987
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
More results

Description similaire - TEA5551

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
   AM 1 CHIP RADIO
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
logo
List of Unclassifed Man...
CD7613 ETC1-CD7613 Datasheet
202Kb / 8P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
   AM/FM 1 CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
KA22425D SAMSUNG-KA22425D Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com