Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1610P Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TEA1610P
Description  Zero-voltage-switching resonant converter controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1610P Fiches technique(HTML) 2 Page - NXP Semiconductors

  TEA1610P Datasheet HTML 1Page - NXP Semiconductors TEA1610P Datasheet HTML 2Page - NXP Semiconductors TEA1610P Datasheet HTML 3Page - NXP Semiconductors TEA1610P Datasheet HTML 4Page - NXP Semiconductors TEA1610P Datasheet HTML 5Page - NXP Semiconductors TEA1610P Datasheet HTML 6Page - NXP Semiconductors TEA1610P Datasheet HTML 7Page - NXP Semiconductors TEA1610P Datasheet HTML 8Page - NXP Semiconductors TEA1610P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2001 Apr 25
2
Philips Semiconductors
Product specification
Zero-voltage-switching
resonant converter controller
TEA1610P; TEA1610T
FEATURES
• Integrated high voltage level-shift function
• Integrated high voltage bootstrap diode
• Transconductance error amplifier for ultra high-ohmic
regulation feedback
• Latched shut-down circuit for overcurrent and
overvoltage protection
• Low start-up current (green function)
• Adjustable minimum and maximum frequencies
• Adjustable dead time
• Undervoltage lockout.
GENERAL DESCRIPTION
The TEA1610 is a monolithic integrated circuit
implemented in a high-voltage DMOS process. The circuit
is a high voltage controller for a zero-voltage switching
resonant converter. The IC provides the drive function for
two discrete power MOSFETs in a half-bridge
configuration. It also includes a level-shift circuit, an
oscillator with accurately-programmable frequency range,
a latched shut-down function and a transconductance
error amplifier.
To guarantee an accurate 50% switching duty factor, the
oscillator signal passes through a divide-by-two flip-flop
before being fed to the output drivers.
The circuit is very flexible and enables a broad range of
applications for different mains voltages.
APPLICATIONS
• TV and monitor power supplies
• High voltage power supplies.
MGU336
handbook, halfpage
TEA1610
HALF-
BRIDGE
CIRCUIT
RESONANT
CONVERTER
MOSFET
SWITCH
bridge voltage
supply
(high side)
VHS
VDD
power ground
signal
ground
Fig.1 Basic configuration.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VHS
bridge voltage supply (high side)
600
V
IGH(source); IGL(source)
gate driver source current
−225
mA
IGH(sink); IGL(sink)
gate driver sink current
300
mA
fbridge(max)
maximum bridge frequency
Cf = 100 pF (see
Fig.10)
550
kHz
VI(CM)
error amplifier common mode input voltage
2.5
V
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1610P
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TEA1610T
SO16
plastic small outline package; 16 leads; body width 3.9 mm;
low stand-off height
SOT109-2


Numéro de pièce similaire - TEA1610P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Description similaire - TEA1610P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com