Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM27C1024-90 Fiches technique(PDF) 10 Page - Advanced Micro Devices

No de pièce AM27C1024-90
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-90 Fiches technique(HTML) 10 Page - Advanced Micro Devices

Back Button AM27C1024-90 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 9Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 10Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 11Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Am27C1024
AC CHARACTERISTICS
Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is sampled and not 100% tested.
3. Switching characteristics are over operating range, unless otherwise specified.
4. See Figure 3 and Table 1 for test specifications.
SWITCHING WAVEFORMS
Notes:
1. OE# may be delayed up to tACC – tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE# or CE#, whichever occurs first.
PACKAGE CAPACITANCE
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25°C, f = 1 MHz.
Parameter Symbols
Description
Test Setup
Am27C1024
Unit
JEDEC
Standard
-55
-70
-90
-120 -150 -200 -255
tAVQV
tACC
Address to Output Delay
CE#,
OE# = VIL
Max
55
70
90
120
150
200
250
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL Max
55
70
90
120
150
200
250
ns
tGLQV
tOE
Output Enable to Output Delay CE# = VIL Max
404045
50
6575
75
ns
tEHQZ
tGHQZ
tDF
(Note 2)
Chip Enable High or Output
Enable High to Output High Z,
Whichever Occurs First
Max
303040
50
5050
50
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
Whichever Occurs First
Min
0
000
000
ns
Addresses
CE#
OE#
Output
06780J-9
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF (Note 2)
tOH
Parameter Symbol
Parameter
Description
Test Conditions
CDV040
PD 040
PL 044
Unit
Typ
Max
Typ
Max
Typ
Max
CIN
Input Capacitance
VIN = 0
9
12
7
12
8
10
pF
COUT
Output Capacitance
VOUT = 0
121411
14
1114
pF


Numéro de pièce similaire - AM27C1024-90

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Description similaire - AM27C1024-90

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com