Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1111A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TEA1111A
Description  Speech circuit with dialler interface, regulated supply and earpiece volume control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1111A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TEA1111A Datasheet HTML 7Page - NXP Semiconductors TEA1111A Datasheet HTML 8Page - NXP Semiconductors TEA1111A Datasheet HTML 9Page - NXP Semiconductors TEA1111A Datasheet HTML 10Page - NXP Semiconductors TEA1111A Datasheet HTML 11Page - NXP Semiconductors TEA1111A Datasheet HTML 12Page - NXP Semiconductors TEA1111A Datasheet HTML 13Page - NXP Semiconductors TEA1111A Datasheet HTML 14Page - NXP Semiconductors TEA1111A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Nov 22
11
Philips Semiconductors
Product specification
Speech circuit with dialler interface, regulated
supply and earpiece volume control
TEA1111A
handbook, full pagewidth
MBE786
Im
Zir
IR
Zbal
Rast1
SLPE
RSLPE
VEE
Zline
RCC
LN
RA
Fig.11 Equivalent circuit of an anti-sidetone network in a Wheatstone bridge configuration.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VLN
positive continuous line voltage
VEE − 0.4 12
V
repetitive line voltage during switch-on or
line interruption
VEE − 0.4 13.2
V
IDD
maximum input current at pin VDD
75
mA
VCC
supply voltage
VEE − 0.4 12
V
VMUTE,VVCI maximum voltage on pins MUTE and VCI
VEE − 0.4 VDD + 0.4 V
Vn(max)
maximum voltage on all pins except
pins VDD, MUTE and VCI
VEE − 0.4 VCC + 0.4 V
Iline
line current
RSLPE =20 Ω; see Fig.12 −
140
mA
Ptot
TEA1111AT total power dissipation
Tamb =75 °C; see Fig.12 −
416
mW
Tstg
storage temperature
−40
+125
°C
Tamb
ambient temperature
−25
+75
°C
Tj
junction temperature
+125
°C


Numéro de pièce similaire - TEA1111A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Description similaire - TEA1111A

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com