Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1102TS Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TEA1102TS
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102TS Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TEA1102TS Datasheet HTML 6Page - NXP Semiconductors TEA1102TS Datasheet HTML 7Page - NXP Semiconductors TEA1102TS Datasheet HTML 8Page - NXP Semiconductors TEA1102TS Datasheet HTML 9Page - NXP Semiconductors TEA1102TS Datasheet HTML 10Page - NXP Semiconductors TEA1102TS Datasheet HTML 11Page - NXP Semiconductors TEA1102TS Datasheet HTML 12Page - NXP Semiconductors TEA1102TS Datasheet HTML 13Page - NXP Semiconductors TEA1102TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1999 Jan 27
10
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
Fig.3 ttime-out as a function of R23 and PTD with C4 as parameter.
handbook, full pagewidth
200
fosc
(kHz)
0
0
30
60
90
120
150
ttime-out (min)
180
10
12.5
(R23 min)
PTD programming
125
(R23 max)
30
50
70
90
R23 (k
Ω)
C4
(pF)
110
68
100
150
220
390
560
820
1500
130
MGD280
40
80
120
160
:1
(GND)
:2
(n.c.)
:4
(
+VS)
prefered
oscillator
range
(POD = GND)
prefered
oscillator
range
(POD = n.c.)
prefered
oscillator
range
(POD =
+VS)
LED indication
With few external components, indication LEDs can be
connected to the program pins and the LED pin of the
TEA1102x. These program pins change their function from
an input to an output pin after a short initialization time at
system switch-on or battery insertion. Output pin Vsl
enables the external LEDs to be driven and avoids
interaction with the programming of the dividers during the
initialization period.
The applied LEDs indicate:
• Protection
• Refresh
• Fast charge
• 100%
• No-battery.
The LED output pin can also indicate the charging state by
one single LED. The indication LED can be connected
directly to the LED output. This single LED indicates:
• Fast charge (LED on)
• 100% or refresh (LED off)
• Protection or inhibit (LED floating).
The refresh can be indicated by an extra LED connected
to pin 4 (PSD). A buzzer can also be driven from the
TEA1102x to indicate battery insertion end of refresh or full
battery.
AD/DA converter
When battery full is determined by peak voltage detection,
the Vbat voltage is sampled at a rate given by the following
equation:
(8)
The analog value of a Vbat sample is then digitized and
stored in a register. On the following sample, the digitized
value is converted back to the analog value of Vbat and
compared with the ‘new’ Vbat sample.
t
sampling Vpeak
()
2
16
POD
×
t
osc
×
=


Numéro de pièce similaire - TEA1102TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Description similaire - TEA1102TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com