Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1098A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TEA1098A
Description  Speech and handsfree IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1098A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TEA1098A Datasheet HTML 4Page - NXP Semiconductors TEA1098A Datasheet HTML 5Page - NXP Semiconductors TEA1098A Datasheet HTML 6Page - NXP Semiconductors TEA1098A Datasheet HTML 7Page - NXP Semiconductors TEA1098A Datasheet HTML 8Page - NXP Semiconductors TEA1098A Datasheet HTML 9Page - NXP Semiconductors TEA1098A Datasheet HTML 10Page - NXP Semiconductors TEA1098A Datasheet HTML 11Page - NXP Semiconductors TEA1098A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
2000 Mar 21
8
Philips Semiconductors
Preliminary specification
Speech and handsfree IC
TEA1098A
Fig.4 Line interface principle.
handbook, full pagewidth
MGM298
TN2
TR2
TR1
E2
D1
D1
R3
R2
R1
TN1
TP1
J2
J1
E1
GND
GND
VBB
from
preamp
GND
REG
LN
SLPE
CREG
4.7
µF
RSLPE
20
As can be seen from Fig.4, the internal circuitry is supplied
by pin VBB, which is a strong supply point combined with
the line interface. The line current is flowing through the
RSLPE resistor and is sunk by the VBB voltage stabilizer,
thus becoming available for a loudspeaker amplifier or any
peripheral IC. Its voltage is equal to 3.0 V for line currents
lower than 18 mA. It than increases linearly with the line
current and reaches the value of 5.3 V for line currents
greater than 45 mA. It is temperature compensated.
The aim of the current switch TR1 and TR2 is to reduce
distortion of large AC line signals. Current ISLPE is supplied
to VBB via TR1 when the voltage on SLPE is greater than
VBB + 0.25 V. When the voltage on SLPE is lower than this
value, the current ISLPE is shunted to GND via TR2.
The reference voltage Vref can be increased by connecting
an external resistor between pins REG and SLPE. For
large line currents, this increase can slightly affect some
dynamic performances such as maximum signal level on
the line for 2% THD. The voltage on pin VBB is not affected
by this external resistor; see Fig.5 for the main DC
voltages.


Numéro de pièce similaire - TEA1098A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098H PHILIPS-TEA1098H Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098TV PHILIPS-TEA1098TV Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098UH PHILIPS-TEA1098UH Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
More results

Description similaire - TEA1098A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
NXP Semiconductors
TEA1096 PHILIPS-TEA1096 Datasheet
390Kb / 32P
   Speech and listening-in IC
November 1994
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
   Speech Processing IC
December, 2013
logo
STMicroelectronics
TEA7540 STMICROELECTRONICS-TEA7540 Datasheet
132Kb / 12P
   HANDSFREE CONTROLLER
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com