Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1097TV Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TEA1097TV
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097TV Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TEA1097TV Datasheet HTML 6Page - NXP Semiconductors TEA1097TV Datasheet HTML 7Page - NXP Semiconductors TEA1097TV Datasheet HTML 8Page - NXP Semiconductors TEA1097TV Datasheet HTML 9Page - NXP Semiconductors TEA1097TV Datasheet HTML 10Page - NXP Semiconductors TEA1097TV Datasheet HTML 11Page - NXP Semiconductors TEA1097TV Datasheet HTML 12Page - NXP Semiconductors TEA1097TV Datasheet HTML 13Page - NXP Semiconductors TEA1097TV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1999 Apr 08
10
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
Fig.6 Current consumption on VDD.
handbook, full pagewidth
1.0
IDD
(pA)
1.5
2.5
3.0
VDD (V)
2.0
108
107
106
105
104
103
102
10
FCA050
SUPPLY FOR MICROPHONE (PINS MICS AND GNDTX)
The MICS output can be used as a supply for an electret
microphone. Its voltage is equal to 2 V; it can source
current up to 1 mA and has an output impedance equal to
200
Ω.
LOW VOLTAGE BEHAVIOUR
For line currents below 9 mA, the reference voltage is
automatically adjusted to a lower value; the VBB voltage
follows the SLPE voltage with 250 mV difference.
The excess current available for other purposes than DC
biasing of the IC becomes small. In this low voltage area,
the IC has limited performances.
When the VBB voltage reaches 2.7 V, the VBB detector of
the receive dynamic limiter on pin LSAO acts continuously,
discharging the capacitor at pin DLC. In the DC condition,
the loudspeaker is automatically disabled below this
voltage.
When VBB becomes lower than 2.5 V, the TEA1097 is
forced in a low voltage mode whatever the levels on the
logic inputs are. It is a speech mode with reduced
performances only enabling the microphone channel
(between the MIC inputs and LN) and the earpiece
amplifier. These two channels are able to deliver signals
for line currents as small as 3 mA. The HFC input is tied to
GND sinking a current equal to 300
µA (typ.).
POWER-DOWN MODE (PINS PD AND AUXC)
To reduce current consumption during dialling or register
recall (flash), the TEA1097 is provided with a power-down
input (PD). When the voltage on pins PD and AUXC is
LOW, the current consumption from VBB and VDD is
reduced to 460
µA (typ.). Therefore a capacitor of 470 µF
connected to pin VBB is sufficient to power the TEA1097
during pulse dialling or flash. The PD input has a pull-up
structure, while AUXC has a pull-down structure. In this
mode, the capacitor CREG is internally disconnected.


Numéro de pièce similaire - TEA1097TV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Description similaire - TEA1097TV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com