Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1096 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TEA1096
Description  Speech and listening-in IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1096 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TEA1096 Datasheet HTML 5Page - NXP Semiconductors TEA1096 Datasheet HTML 6Page - NXP Semiconductors TEA1096 Datasheet HTML 7Page - NXP Semiconductors TEA1096 Datasheet HTML 8Page - NXP Semiconductors TEA1096 Datasheet HTML 9Page - NXP Semiconductors TEA1096 Datasheet HTML 10Page - NXP Semiconductors TEA1096 Datasheet HTML 11Page - NXP Semiconductors TEA1096 Datasheet HTML 12Page - NXP Semiconductors TEA1096 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
November 1994
9
Philips Semiconductors
Product Specification
Speech and listening-in IC
TEA1096; TEA1096A
The function of the current switch TR1-TR2 is to reduce
distortion of large line signals. Current ISUP is supplied to
VBB via TR1, when VSLPE is higher than VBB + 0.4 V. When
VSLPE is lower, this current is shunted to VEE via TR2. All
excess line current, not used for internal supply is
consumed in the VBB stabilizer or directly shunted to VEE.
To reduce the current consumption during pulse dialling,
the TEA1096/TEA1096A are provided with a power-down
(PD) input. The PD input has a pull-down structure. When
the voltage on PD is HIGH, the current consumption from
VDD capacitor CVDD is 100 µA and from the VBB supply
point 350
µA. The capacitors CVDD (100 µF) and CVBB
(470
µF) are sufficient to power theTEA1096/TEA1096A
during pulse dialling/flash.
VBB voltage adjustment: pin VBA (TEA1096 only)
A resistor connected between pins VBA and VEE can be
used to increase the VBB voltage, whereas a resistor
connected between pins VBA and VBB will decrease the
VBB voltage. When adjusting the VBB voltage to a higher
value, care should be taken that VSLPE is at least 0.4 V
higher than VBB (VBB supply efficiency).
Sending channel: pins MICP, MICM, DTMF, GAS, OSP,
LN, MUTE, DLS and AGC
The TEA1096/TEA1096A has symmetrical microphone
inputs MICP, MICM with an input resistance of 64 k
between MICP and MICM (2
× 32 kΩ). In the speech mode
(MUTE = LOW), the overall gain from MICP-MICM to LN
can be adjusted from 33 dB to 52 dB to suit specific
requirements. The gain is proportional to the value of RGAS
and equals 52 dB with RGAS = 90.9 kΩ and Iline = 20 mA. A
capacitor CGAS connected in parallel with RGAS can be
used to provide a first-order low-pass filter.
Automatic gain control (AGC) is provided for line-loss
compensation as well as dynamic limitation for reduction
of the distortion of the transmitted signal on the line. The
microphone amplifier can be disabled by short-circuiting
pin DLS to VEE (secret function) and can be muted into
DTMF mode by applying a HIGH level on pin MUTE.
The TEA1096/TEA1096A has an asymmetrical DTMF
input with an input resistance of 20 k
Ω. In the DTMF mode,
the overall gain from DTMF to LN is proportional to RGAS,
and is 26.5 dB less than the microphone amplifier gain.
Switch-over from one mode to the other is click-free.
Fig.6 Sending channel.


Numéro de pièce similaire - TEA1096

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Description similaire - TEA1096

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
   Speech Processing IC
December, 2013
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com