Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1064B Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TEA1064B
Description  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064B Fiches technique(HTML) 3 Page - NXP Semiconductors

  TEA1064B Datasheet HTML 1Page - NXP Semiconductors TEA1064B Datasheet HTML 2Page - NXP Semiconductors TEA1064B Datasheet HTML 3Page - NXP Semiconductors TEA1064B Datasheet HTML 4Page - NXP Semiconductors TEA1064B Datasheet HTML 5Page - NXP Semiconductors TEA1064B Datasheet HTML 6Page - NXP Semiconductors TEA1064B Datasheet HTML 7Page - NXP Semiconductors TEA1064B Datasheet HTML 8Page - NXP Semiconductors TEA1064B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
March 1994
3
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064B
QUICK REFERENCE DATA
Note
1. For the TEA1064BT the maximum line current depends on the heat dissipating qualities of the mounted device.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Iline
line current operating range
normal operation
note 1
11
140
mA
with reduced performance
2
11
mA
ICC
internal supply current
VCC = 2.8 V
power-down input LOW
1.3
1.6
mA
power-down input HIGH
60
82
µA
Gv
voltage gain range
microphone amplifier
44
52
dB
receiving amplifier
20
45
dB
line loss compensation ranges
Gv
gain control
5.7
6.1
6.5
dB
Vexch
exchange supply voltage
36
60
V
Rexch
exchange feeding bridge resistance
400
1000
VLN(p-p)
maximum output voltage swing on LN
(peak-to-peak value)
R16 = 392
Ω;
Iline = 15 mA
Ip = 1.4 mA
3.55
3.80
4.05
V
Ip = 2.7 mA
3.25
3.50
3.75
V
Vp
supply for peripherals
Iline = 15 mA
Ip = 1.4 mA
2.5
2.7
V
Ip = 2.7 mA;
RREG-SLPE = 20 kΩ
2.9
3.1
V
VLN
DC line voltage
Iline = 15 mA
without RREG-SLPE
3.25
3.5
3.75
V
RREG-SLPE = 20 kΩ
4.05
4.4
4.75
V
Tamb
operating ambient temperature range
−25
−+75
°C


Numéro de pièce similaire - TEA1064B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064AT PHILIPS-TEA1064AT Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

Description similaire - TEA1064B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com