Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF5140A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDF5140A
Description  Brushless DC motor drive circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDF5140A Datasheet HTML 7Page - NXP Semiconductors TDF5140A Datasheet HTML 8Page - NXP Semiconductors TDF5140A Datasheet HTML 9Page - NXP Semiconductors TDF5140A Datasheet HTML 10Page - NXP Semiconductors TDF5140A Datasheet HTML 11Page - NXP Semiconductors TDF5140A Datasheet HTML 12Page - NXP Semiconductors TDF5140A Datasheet HTML 13Page - NXP Semiconductors TDF5140A Datasheet HTML 14Page - NXP Semiconductors TDF5140A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1999 March 15
11
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
Fig.5 Typical application of the TDF5140A as a scanner driver, with use of OTA.
handbook, full pagewidth
MBK986
START-UP
OSCILLATOR
1
15
4
18
3
ADAPTIVE
COMMUTATION
DELAY
COMMUTATION
LOGIC
TIMING
THERMAL
PROTECTION
ROTATION
SPEED/
DETECTOR
OUTPUT
STAGE
DIVIDE
BY 2
POSITION
DETECTOR
STAGE
16
EMF COMPARATORS
17
75
8
GND2
GND1
VP
6
FG to
micro-
processor
12
2
TEST
9
10
11
14
13
TDF5140A
D
D
TP
TN
TN
D
D
TP
TN
TN
D
D
TP
TN
TN
SCANNER
MOTOR
POSITION
COIL
10 nF
4.7
k
+5 V
18 nF
18 nF
220 nF
from
DAC
1
µF
120
39 k
47 k
10 k
470
680
47 nF
BD434
47 nF
+14 V


Numéro de pièce similaire - TDF5140A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDF5140A NXP-TDF5140A Datasheet
88Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDF5140AP NXP-TDF5140AP Datasheet
88Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
More results

Description similaire - TDF5140A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com