Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9860 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA9860
Description  Universal HiFi audio processor for TV
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA9860 Datasheet HTML 7Page - NXP Semiconductors TDA9860 Datasheet HTML 8Page - NXP Semiconductors TDA9860 Datasheet HTML 9Page - NXP Semiconductors TDA9860 Datasheet HTML 10Page - NXP Semiconductors TDA9860 Datasheet HTML 11Page - NXP Semiconductors TDA9860 Datasheet HTML 12Page - NXP Semiconductors TDA9860 Datasheet HTML 13Page - NXP Semiconductors TDA9860 Datasheet HTML 14Page - NXP Semiconductors TDA9860 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
July 1994
11
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
Table 2
Bits of data bytes.
Table 3
Output and input selection by subaddress bytes 07, 08 and 09.
Note
1. X = don’t care
FUNCTION OF THE BITS IN TABLE 1
DESCRIPTION
V00 to V05
volume control common for loudspeaker channel
VL0 to VL4
volume control LEFT for loudspeaker channel
VR0 to VR4
volume control RIGHT for loudspeaker channel
BA0 to BA4
bass control for LEFT and RIGHT loudspeaker channel
TR0 to TR3
treble control for LEFT and RIGHT loudspeaker channel
VHL0 to VHL5
volume control LEFT for headphone channel
VHR0 to VHR5
volume control RIGHT for headphone channel
I00 to I03
input selection for headphone channel
I10 to I13
input selection for SCART channel
I20 to I23
input selection for loudspeaker channel
MU0, MU1 and MU2
mute control bits: 0 = non-muted; 1 = muted
EF1, EF2 and ST
special mode control bits
P1 and P2
control bits for port P1 (pin 2) and P2 (pin 31):
output levels: 0 = LOW; 1 = HIGH
OUTPUT AND INPUT CONTROL BYTES, MUTE INCLUDED (EFFECTS TABLE 4)
SELECT OUTPUT PINS
INPUT GROUP
INPUT
SIGNAL
ADDR
DATA BYTE TO SUBADDRESS
Loudspeaker channels
output pin 18
output pin 15
09
EF2
MU2 EF1
ST
I23 I22 I21 I20
SCART channels
output pin 26
output pin 7
08
0
MU1 P1
P2
I13 I12 I11
I10
headphone channels
output pin 20
output pin 13
07
0
MU0 0
0
I03 I02 I01 I00
SELECT INPUT SIGNAL
PINS
HEX
BITS OF DATA BYTE
28
28
AUX LEFT
Vi1
XB
X
0
X
X
1011
30
30
AUX RIGHT
Vi2
X9
X
0
X
X
1001
28
30
AUX STEREO
VI 1 and Vi 2 X7
X
0
X
X
0111
1
1
SCART LEFT
Vi 3
XA
X
0
X
X
1010
32
32
SCART RIGHT
Vi 4
X5
X
0
X
X
0101
1
32
SCART STEREO
Vi 3 and Vi 4 X6
X
0
X
X
0110
3
3
MAIN LEFT
Vi5
XC
X
0
X
X
1100
5
5
MAIN RIGHT
Vi 6
XD
X
0
X
X
1101
3
5
MAIN STEREO
Vi 5 and Vi 6 X8
X
0
X
X
1000


Numéro de pièce similaire - TDA9860

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
More results

Description similaire - TDA9860

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com