Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL3502 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRL3502
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL3502 Fiches technique(HTML) 2 Page - International Rectifier

  IRL3502 Datasheet HTML 1Page - International Rectifier IRL3502 Datasheet HTML 2Page - International Rectifier IRL3502 Datasheet HTML 3Page - International Rectifier IRL3502 Datasheet HTML 4Page - International Rectifier IRL3502 Datasheet HTML 5Page - International Rectifier IRL3502 Datasheet HTML 6Page - International Rectifier IRL3502 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRL3502PbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.019 ––– V/°C Reference to 25°C, ID = 1mA
–––
––– 0.008
VGS = 4.5V, ID = 64A „
–––
––– 0.007
VGS = 7.0V, ID = 64A „
VGS(th)
Gate Threshold Voltage
0.70 ––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
77
––– –––
S
VDS = 10V, ID = 64A
–––
–––
25
µA
VDS = 20V, VGS = 0V
–––
––– 250
VDS = 10V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = -10V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = 10V
Qg
Total Gate Charge
–––
––– 110
ID = 64A
Qgs
Gate-to-Source Charge
–––
–––
27
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
39
VGS = 4.5V, See Fig. 6 „
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 10V
tr
Rise Time
–––
140 –––
ns
ID = 64A
td(off)
Turn-Off Delay Time
–––
96
–––
RG = 3.8Ω, VGS = 4.5V
tf
Fall Time
–––
130 –––
RD = 0.15Ω, „
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 4700 –––
VGS = 0V
Coss
Output Capacitance
––– 1900 –––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
640 –––
ƒ = 1.0MHz, See Fig. 5
S
D
G
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 64A, VGS = 0V „
trr
Reverse Recovery Time
–––
87
130
ns
TJ = 25°C, IF = 64A
Qrr
Reverse RecoveryCharge
––– 200 310
nC
di/dt = 100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
110…
420
A
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
––– 7.5
–––
LD
Internal Drain Inductance
––– 4.5
–––
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 64A, di/dt ≤ 86A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 64A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Calculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4


Numéro de pièce similaire - IRL3502

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL3502 IRF-IRL3502 Datasheet
76Kb / 7P
   HEXFET Power MOSFET
IRL3502S IRF-IRL3502S Datasheet
130Kb / 8P
   HEXFET Power MOSFET
IRL3502SPBF IRF-IRL3502SPBF Datasheet
243Kb / 8P
   HEXFET Power MOSFET
More results

Description similaire - IRL3502

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com