Moteur de recherche de fiches techniques de composants électroniques |
|
IRF840AS Fiches technique(PDF) 6 Page - International Rectifier |
|
IRF840AS Fiches technique(HTML) 6 Page - International Rectifier |
6 / 10 page IRF840AS/LPbF 6 www.irf.com QG QGS QGD VG Charge D.U.T. VDS ID IG 3mA VGS .3 µF 50K Ω .2 µF 12V Current Regulator Same Type as D.U.T. Current Sampling Resistors + - 10 V Fig 13b. Gate Charge Test Circuit Fig 13a. Basic Gate Charge Waveform Fig 12c. Maximum Avalanche Energy Vs. Drain Current Fig 12b. Unclamped Inductive Waveforms Fig 12a. Unclamped Inductive Test Circuit tp V (BR)DSS IAS R G IAS 0.01 Ω tp D.U.T L V DS + - VDD DRIVER A 15V 20V Fig 12d. Typical Drain-to-Source Voltage Vs. Avalanche Current 25 50 75 100 125 150 0 200 400 600 800 1000 1200 Starting T , Junction Temperature ( C) J ° ID TOP BOTTOM 3.6A 5.1A 8.0A 0.0 1.0 2.0 3.0 4.0 5.0 6.0 IAV , Avalanche Current ( A) 540 550 560 570 580 590 600 610 |
Numéro de pièce similaire - IRF840AS_04 |
|
Description similaire - IRF840AS_04 |