Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9814T Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA9814T
Description  Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9814T Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA9814T Datasheet HTML 1Page - NXP Semiconductors TDA9814T Datasheet HTML 2Page - NXP Semiconductors TDA9814T Datasheet HTML 3Page - NXP Semiconductors TDA9814T Datasheet HTML 4Page - NXP Semiconductors TDA9814T Datasheet HTML 5Page - NXP Semiconductors TDA9814T Datasheet HTML 6Page - NXP Semiconductors TDA9814T Datasheet HTML 7Page - NXP Semiconductors TDA9814T Datasheet HTML 8Page - NXP Semiconductors TDA9814T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1998 Feb 09
3
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9814T
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
5
5.5
V
IP
supply current
93
109
125
mA
Vi VIF(rms)
vision IF input signal voltage
sensitivity (RMS value)
−1 dB video at output
60
100
µV
Vo CVBS(p-p)
CVBS output signal voltage
(peak-to-peak value)
1.7
2.0
2.3
V
B−3
−3 dB video bandwidth on pin 8
B/G and L standard; CL < 20 pF;
RL > 1kΩ; AC load
78
MHz
S/N (W)
weighted signal-to-noise ratio for
video
56
60
dB
IMα1.1
intermodulation attenuation at ‘blue’
f = 1.1 MHz
58
64
dB
IMα3.3
intermodulation attenuation at ‘blue’
f = 3.3 MHz
58
64
dB
α
H(sup)
suppression of harmonics in video
signal
35
40
dB
Vi SIF(rms)
sound IF input signal voltage
sensitivity (RMS value)
−3 dB at intercarrier output
30
70
µV
Vo(rms)
audio output signal voltage for FM
(RMS value)
B/G standard; 54% modulation
0.5
V
audio output signal voltage for AM
(RMS value)
L standard; 54% modulation
0.5
V
THD
total harmonic distortion
54% modulation
FM
0.15
0.5
%
AM
0.5
1.0
%
S/N (W)
weighted signal-to-noise ratio
54% modulation
FM
60
dB
AM
47
53
dB


Numéro de pièce similaire - TDA9814T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Description similaire - TDA9814T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com