Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9810T Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA9810T
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9810T Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA9810T Datasheet HTML 7Page - NXP Semiconductors TDA9810T Datasheet HTML 8Page - NXP Semiconductors TDA9810T Datasheet HTML 9Page - NXP Semiconductors TDA9810T Datasheet HTML 10Page - NXP Semiconductors TDA9810T Datasheet HTML 11Page - NXP Semiconductors TDA9810T Datasheet HTML 12Page - NXP Semiconductors TDA9810T Datasheet HTML 13Page - NXP Semiconductors TDA9810T Datasheet HTML 14Page - NXP Semiconductors TDA9810T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1999 May 07
11
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9810
Isource(12)(max)
maximum AC and DC output
source current
2.4
−−
mA
B−1
−1 dB video bandwidth
B/G and L standard;
CL < 20 pF; RL > 1kΩ;
AC load
8.4
11
MHz
B−3
−3 dB video bandwidth
B/G and L standard;
CL < 20 pF; RL > 1kΩ;
AC load
11
14
MHz
Measurements from IF input to CVBS output (pin 12; 330
Ω between pins 9 and 13, sound carrier off)
Vo(CVBS)(p-p)
CVBS output signal voltage
on pin 12
(peak-to-peak value)
note 9
1.7
2.0
2.3
V
∆Vo(CVBS)
output signal voltage
difference
difference between B/G
and L standard
−−
10
%
Vo(CVBS)(sync)
sync voltage level
B/G standard
1.35
V
L standard
1.35
V
∆Vo(CVBS)
deviation of CVBS output
signal voltage at B/G
50 dB gain control
−−
0.5
dB
30 dB gain control
−−
0.1
dB
∆Vo(bl)(BG)
black level tilt in
B/G standard
gain variation; note 10
−−
1%
∆V
o(bl)(L)
black level tilt for worst case
in L standard
vision carrier modulated
by test line (VITS) only;
gain variation; note 10
−−
1.9
%
Gdiff
differential gain
“CCIR, line 330”
25
%
ϕ
diff
differential phase
“CCIR, line 330”
1
2
deg
B−1
−1 dB video bandwidth
CL < 20 pF; RL > 1kΩ;
AC load;
B/G and L standard
56
MHz
B−3
−3 dB video bandwidth
CL < 20 pF; RL > 1kΩ;
AC load;
B/G and L standard
78
MHz
S/NW(video)
weighted signal-to-noise
ratio for video
see Fig.6 and note 11
56
60
dB
S/N
unweighted signal-to-noise
ratio
see Fig.6 and note 11
49
53
dB
αIM(1.1)
intermodulation attenuation
at ‘blue’
f = 1.1 MHz; see Fig.7 and
note 12
58
64
dB
intermodulation attenuation
at ‘yellow’
f = 1.1 MHz; see Fig.7 and
note 12
60
66
dB
α
IM(3.3)
intermodulation attenuation
at ‘blue’
f = 3.3 MHz; see Fig.7 and
note 12
58
64
dB
intermodulation attenuation
at ‘yellow’
f = 3.3 MHz; see Fig.7 and
note 12
59
65
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA9810T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814 PHILIPS-TDA9814 Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
More results

Description similaire - TDA9810T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com