Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9802T Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA9802T
Description  Multistandard VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9802T Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA9802T Datasheet HTML 1Page - NXP Semiconductors TDA9802T Datasheet HTML 2Page - NXP Semiconductors TDA9802T Datasheet HTML 3Page - NXP Semiconductors TDA9802T Datasheet HTML 4Page - NXP Semiconductors TDA9802T Datasheet HTML 5Page - NXP Semiconductors TDA9802T Datasheet HTML 6Page - NXP Semiconductors TDA9802T Datasheet HTML 7Page - NXP Semiconductors TDA9802T Datasheet HTML 8Page - NXP Semiconductors TDA9802T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
November 1992
2
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL demodulator
and FM-PLL detector
TDA9802
FEATURES
• Suitable for negative and positive vision modulation
• Gain controlled 3-stage IF amplifier; suitable for VIF
frequencies up to 60 MHz
• True synchronous demodulation with active carrier
regeneration (ultra-linear demodulation, good
intermodulation figures, reduced harmonics and
excellent pulse response)
• Peak sync AGC for negative modulation, e.g. B/G
standard
• Peak white AGC for positive modulation, e.g. L standard
• Video amplifier to match sound trap and sound filter
• AGC output voltage for tuner; adjustable take-over point
(TOP)
• AFC detector without extra reference circuit
• Alignment-free FM-PLL detector with high linearity
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• 5 to 8 V positive supply voltage range, low power
consumption (300 mW at +5 V supply voltage)
GENERAL DESCRIPTION
The TDA9802 is a monolithic integrated circuit for vision
and sound IF signal processing in multistandard TV and
VTR sets.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT146-1; 1996 November 19.
2. SOT163-1; 1996 November 19.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 20)
4.5
5
8.8
V
IP
supply current
51
60
69
mA
ViIF
vision IF input signal sensitivity (RMS value, pins 1 and 2)
50
90
µV
maximum vision IF input signal (RMS value, pins 1 and 2) 70
150
mV
Gv
IF gain control range
64
70
73
dB
Vo CVBS
CVBS output signal on pin 7 (peak-to-peak value)
1.7
2.0
2.3
V
B
−3 dB video bandwidth on pin 7
6
8
MHz
S/N (W)
signal-to-noise ratio weighted; for video
56
59
dB
α
1.1
intermodulation attenuation
56
62
dB
α
3.3
56
62
dB
α
H
suppression of harmonics in video signal
35
40
dB
VoAF
maximum AF output signal for THD
< 1.5% (RMS value,
pin 9)
0.8
−−
V
Tamb
operating ambient temperature range
0
+70
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9802
20
DIL
plastic
SOT146(1)
TDA9802T
20
mini-pack
plastic
SOT163A(2)


Numéro de pièce similaire - TDA9802T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Description similaire - TDA9802T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com