Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA9605H Datasheet(Fiches technique) 3 Page - NXP Semiconductors

Numéro de pièce TDA9605H
Description  Audio processor with head amplifier for VHS hi-fi
Télécharger  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

TDA9605H Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
Audio processor with head amplifier for VHS hi-fi
TDA9605H
1
FEATURES
• All functions controlled via the serial 2-wire I2C-bus
• Integrated standby modes for low power consumption
• Audio FM head amplifier:
– Programmable recording current
– Programmable playback amplification
– Fast record-mute mode control input.
• Hi-fi signal processing:
– Adjustment free
– High performance
– Low distortion switching noise suppressor
– NTSC and PAL (SECAM) system.
• Linear audio input:
– Programmable (playback) level.
• 5 stereo inputs and additional mono Second Audio
Program (SAP) input
• 2 stereo outputs (line and decoder) with independent
output select function
• RF converter output with overload-protection AGC
• Integrated output power muting
• Audio level meter output
• Extensive input and output select function
• Full support of video recorder feature modes.
2
GENERAL DESCRIPTION
The TDA9605H is a single-chip device in a small package
that contains all the required functions, including the head
amplifier, to realize the audio FM hi-fi stereo system in a
VHS video recorder (see Fig.1). The device is adjustment
free by use of an integrated auto-calibration system.
Extensive signal select functions are offered to support
pay-TV decoding and video recorder feature modes.
The high performance and functionality of the TDA9605H
comprises world-wide system and application
requirements for NTSC, PAL, SECAM and multi-standard
video recorders from basic up to high-end models.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9605H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn