Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD720114 Fiches technique(PDF) 5 Page - NEC

No de pièce UPD720114
Description  MOS INTEGRATED CIRCUIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD720114 Fiches technique(HTML) 5 Page - NEC

  UPD720114_07 Datasheet HTML 1Page - NEC UPD720114_07 Datasheet HTML 2Page - NEC UPD720114_07 Datasheet HTML 3Page - NEC UPD720114_07 Datasheet HTML 4Page - NEC UPD720114_07 Datasheet HTML 5Page - NEC UPD720114_07 Datasheet HTML 6Page - NEC UPD720114_07 Datasheet HTML 7Page - NEC UPD720114_07 Datasheet HTML 8Page - NEC UPD720114_07 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet S17462EJ4V0DS
5
μPD720114
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
VDD25OUT
13
BUS_B
25
DM1
37
SYSRSTB
2
VSSREG
14
TEST
26
DP1
38
PPB4
3
LED4
15
RREF
27
VSS
39
CSB4
4
LED3
16
AVSS(R)
28
DM2
40
PPB3
5
LED2
17
AVDD
29
DP2
41
CSB3
6
LED1
18
AVSS
30
VDD33
42
VSS
7
GREEN
19
AVDD
31
DM3
43
PPB2
8
AMBER
20
VDD33
32
DP3
44
CSB2
9
VDD33
21
DMU
33
VDD25
45
PPB1
10
X1
22
DPU
34
DM4
46
CSB1
11
X2
23
VSS
35
DP4
47
VBUSM
12
VDD25
24
VDD25
36
VSS
48
VDD33REG
Remark
AVSS(R) should be used to connect RREF through 1 % precision reference resistor of 2.43 k
Ω.


Numéro de pièce similaire - UPD720114_07

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD720114GA-9EU-A NEC-UPD720114GA-9EU-A Datasheet
300Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720114K9 RENESAS-UPD720114K9 Datasheet
467Kb / 36P
   Old Company Name in Catalogs and Other Documents
More results

Description similaire - UPD720114_07

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com